Electronic Components Datasheet Search
  English  ▼

X  

S-1155 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1155
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1155 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1155 Datasheet HTML 6Page - Seiko Instruments Inc S-1155 Datasheet HTML 7Page - Seiko Instruments Inc S-1155 Datasheet HTML 8Page - Seiko Instruments Inc S-1155 Datasheet HTML 9Page - Seiko Instruments Inc S-1155 Datasheet HTML 10Page - Seiko Instruments Inc S-1155 Datasheet HTML 11Page - Seiko Instruments Inc S-1155 Datasheet HTML 12Page - Seiko Instruments Inc S-1155 Datasheet HTML 13Page - Seiko Instruments Inc S-1155 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1155 Series
Rev.1.1_00
Seiko Instruments Inc.
10
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
VSS
ON/OFF
*1. CIN is a capacitor for stabilizing the input.
*2. Ceramic capacitor of 4.7
µF or more can be used as CL.
Figure 9
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
Application Conditions
Input capacitor (CIN) :
4.7
µF or more
Output capacitor (CL) :
4.7
µF or more (ceramic capacitor)
Caution
1. Set input capacitor (CIN) and output capacitor (CL) as CIN = CL.
2. Generally, series regulator may oscillate depending on the external components. Confirm that
no oscillation occurs in the application for which the above capacitors are used.
Selection of Input and Output Capacitors (CIN, CL)
The S-1155 Series requires an output capacitor between the VOUT and VSS pin for phase compensation. Operation
is stabilized by a ceramic capacitor with an output capacitance of 4.7
µF or more over the entire temperature range.
When using an OS capacitor, a tantalum capacitor, or an aluminum electrolytic capacitor, the capacitance must be 4.7
µF or more.
The values of output overshoot and undershoot, which are transient response characteristics, vary depending on the
value of output capacitor.
The required value of capacitance for the input capacitor differs depending on the application.
Set the value for input capacitor (CIN) and output capacitor (CL) as follows.
CIN
≥ 4.7 µF
CL
≥ 4.7 µF
CIN = CL
Caution The S-1155 Series may oscillate if setting the value as CIN
≥ 4.7 µF, CL ≥ 4.7 µF, CIN < CL.
Define the values by sufficient evaluation including the temperature characteristics under the usage
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com