Electronic Components Datasheet Search
  English  ▼

X  

S-1155 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S-1155
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1155 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S-1155 Datasheet HTML 10Page - Seiko Instruments Inc S-1155 Datasheet HTML 11Page - Seiko Instruments Inc S-1155 Datasheet HTML 12Page - Seiko Instruments Inc S-1155 Datasheet HTML 13Page - Seiko Instruments Inc S-1155 Datasheet HTML 14Page - Seiko Instruments Inc S-1155 Datasheet HTML 15Page - Seiko Instruments Inc S-1155 Datasheet HTML 16Page - Seiko Instruments Inc S-1155 Datasheet HTML 17Page - Seiko Instruments Inc S-1155 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1155 Series
Rev.1.1_00
Seiko Instruments Inc.
14
3. Shutdown pin (ON/OFF pin)
This pin starts and stops the regulator.
When the ON/OFF pin is set to the shutdown level, the entire internal circuit stops operating, and the built-in
P-channel MOS FET output transistor between the VIN and VOUT pin is turned off, in order to reduce the current
consumption significantly. The VOUT pin is set to the VSS level by the internal dividing resistor of several hundred
k
Ω between the VOUT and VSS pin.
Note that the current consumption increases when a voltage of 0.3 V to 1.0 V is applied to the ON/OFF pin.
The ON/OFF pin is configured as shown in Figure 12. Since the ON/OFF pin is neither pulled down nor pulled up
internally, do not use it in the floating state.
When not using the ON/OFF pin, connect it to the VSS pin in the product A type, and connect it to the VIN pin in B
type.
Table 6
Logic Type
ON/OFF Pin
Internal Circuits VOUT Pin Voltage Current Consumption
A
“L”: Power on
Operate
Set value
ISS1
A
“H”: Power off
Stop
VSS level
ISS2
B
“L”: Power off
Stop
VSS level
ISS2
B
“H”: Power on
Operate
Set value
ISS1
VSS
ON/OFF
VIN
Figure 12
4. Overcurrent protection circuit
The S-1155 Series has an overcurrent protection circuit having the characteristics shown in (1) Output Voltage vs.
Output Current (When load current is increased) (Ta = 25
°C) in “ Characteristics (Typical Data)”, in order to
protect the output transistor against an excessive output current and short circuiting between the VOUT and VSS
pin. The current (ISHORT) when the output pin is short-circuited is internally set at approx. 200 mA (Typ.), and the
initial value is restored for the output voltage, if releasing a short circuit once.
Caution
This overcurrent protection circuit does not work as for thermal protection. If this IC long keeps
short circuiting inside, pay attention to the conditions of input voltage and the load current so
that, under the usage conditions including short circuit, the loss of the IC will not exceed power
dissipation of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com