Electronic Components Datasheet Search
  English  ▼

X  

S-1155 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-1155
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1155 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-1155 Datasheet HTML 13Page - Seiko Instruments Inc S-1155 Datasheet HTML 14Page - Seiko Instruments Inc S-1155 Datasheet HTML 15Page - Seiko Instruments Inc S-1155 Datasheet HTML 16Page - Seiko Instruments Inc S-1155 Datasheet HTML 17Page - Seiko Instruments Inc S-1155 Datasheet HTML 18Page - Seiko Instruments Inc S-1155 Datasheet HTML 19Page - Seiko Instruments Inc S-1155 Datasheet HTML 20Page - Seiko Instruments Inc S-1155 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1155 Series
Seiko Instruments Inc.
17
Characteristics (Typical Data)
(1) Output Voltage vs. Output Current (when load current is increased) (Ta = 25
°C)
S-1155B10
S-1155B30
200
400
600
IOUT [mA]
0
0.6
0.4
0.8
1.0
800
0
0.2
1000
1.2
VIN = 1.5 V
3.0 V
5.5 V
2.0 V
200
400
600
IOUT [mA]
0
1.0
2.0
1.5
2.5
3.0
800
0
0.5
1000
3.5
4.0 V
5.5 V
VIN = 3.5 V
5.0 V
S-1155B50
200
400
600
IOUT [mA]
0
3
2
4
5
800
0
1
1000
5.5 V
VIN = 5.3 V
6
Remark
In determining the output current, attention
should be paid to the following.
1.
The minimum value of output current
in Table 5 and footnote *5 in “ Electrical
Characteristics
”
2.
Power dissipation of the package
(2) Output Voltage vs. Input Voltage (Ta = 25°C)
S-1155B10
S-1155B30
1.0
1.5
2.0
VIN [V]
0.5
1.1
0.5
0.8
0.7
0.9
1.0
2.5
3.0
0.6
IOUT = 1 mA
50 mA
100 mA
3.0
3.5
4.0
VIN [V]
2.5
3.1
2.6
2.8
2.7
2.9
3.0
4.5
5.0
2.5
IOUT = 1 mA
50 mA
100 mA
S-1155B50
4.7
4.9
5.1
VIN [V]
4.5
5.1
4.6
4.8
4.7
4.9
5.0
5.3
4.5
5.5
IOUT = 1 mA
100 mA
50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com