Electronic Components Datasheet Search
  English  ▼

X  

1452003 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1452003
Description  CHARX T1HBI12-1AC80DC200-10M1 - Vehicle charging inlet
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1452003 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1452003 Datasheet HTML 1Page - PHOENIX CONTACT 1452003 Datasheet HTML 2Page - PHOENIX CONTACT 1452003 Datasheet HTML 3Page - PHOENIX CONTACT 1452003 Datasheet HTML 4Page - PHOENIX CONTACT 1452003 Datasheet HTML 5Page - PHOENIX CONTACT 1452003 Datasheet HTML 6Page - PHOENIX CONTACT 1452003 Datasheet HTML 7Page - PHOENIX CONTACT 1452003 Datasheet HTML 8Page - PHOENIX CONTACT 1452003 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Bore dimensions
Width
117.6 mm
Height
90 mm
Depth
117.6 mm
Material specifications
Color (Housing)
black (9005)
Color (Mating face)
black (9005)
Material ()
Plastic
Material (Contact surface)
Silver
Cable/line
Cable length
10 m
Cable type
Single wires
Single wire, cross section
70.00 mm²
Single-core wires for AC
Cable length
10 m
Cable structure
2 x 16 mm²
Single wire, material
Silicone
Single wire, color
OG
External cable diameter
9.90 mm ±0.3 mm
Cable resistance
≤ 1.16 Ω/km
Single-core wires for DC
Cable length
10 m
Cable structure
2 x 70 mm²
Single wire, material
Silicone
Single wire, color
OG
External cable diameter
17.90 mm ±0.3 mm
Cable resistance
≤ 0.259 Ω/km
Single-core wire for PE
Cable length
10 m
Cable structure
1 x 25 mm²
Single wire, material
Silicone
Single wire, color
GN/YE
External cable diameter
8.60 mm ±0.1 mm
Cable resistance
≤ 0.743 Ω/km
Single-core wires for locking actuator
Cable length
1.5 m
Cable structure
4 x 0.5 mm²
Single wire, material
PVC
Single wire, color
BU/RD, BU/GN, BU/YE, BU/BN
CHARX T1HBI12-1AC80DC200-10M1 - Vehicle
charging inlet
1452003
https://www.phoenixcontact.com/us/products/1452003
Oct 30, 2025, 12:13AM
Page 4 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com