Electronic Components Datasheet Search
  English  ▼

X  

1452003 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1452003
Description  CHARX T1HBI12-1AC80DC200-10M1 - Vehicle charging inlet
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1452003 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1452003 Datasheet HTML 8Page - PHOENIX CONTACT 1452003 Datasheet HTML 9Page - PHOENIX CONTACT 1452003 Datasheet HTML 10Page - PHOENIX CONTACT 1452003 Datasheet HTML 11Page - PHOENIX CONTACT 1452003 Datasheet HTML 12Page - PHOENIX CONTACT 1452003 Datasheet HTML 13Page - PHOENIX CONTACT 1452003 Datasheet HTML 14Page - PHOENIX CONTACT 1452003 Datasheet HTML 15Page - PHOENIX CONTACT 1452003 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Diagram
800 900 1000 1100 1200 1300 1400 1500
-40
-20
0
20
40
60
80
100
120
RPt1000[Ω]
-60
1
= T(RPt1000) = a * RPt1000- b
VAR
= +25 °C
1
Pt 1000 characteristic curve at an ambient temperature of 25°C for temperature measurement at the DC contacts
CHARX T1HBI12-1AC80DC200-10M1 - Vehicle
charging inlet
1452003
https://www.phoenixcontact.com/us/products/1452003
Oct 30, 2025, 12:13AM
Page 13 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com