Electronic Components Datasheet Search
  English  ▼

X  

1452003 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1452003
Description  CHARX T1HBI12-1AC80DC200-10M1 - Vehicle charging inlet
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1452003 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1452003 Datasheet HTML 1Page - PHOENIX CONTACT 1452003 Datasheet HTML 2Page - PHOENIX CONTACT 1452003 Datasheet HTML 3Page - PHOENIX CONTACT 1452003 Datasheet HTML 4Page - PHOENIX CONTACT 1452003 Datasheet HTML 5Page - PHOENIX CONTACT 1452003 Datasheet HTML 6Page - PHOENIX CONTACT 1452003 Datasheet HTML 7Page - PHOENIX CONTACT 1452003 Datasheet HTML 8Page - PHOENIX CONTACT 1452003 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
CHARX connect universal, AC/DC CCS Typ 1, Vehicle charging inlet, up to 250 A in Boost
mode, 200 A permanent, 1000 V DC, 80 A , 250 V AC, Single wires, length: 10 m, locking
actuator: 12 V, 4-pos., Front and rear mounting, M6, housing: black, for charging with alternating
current (AC) and with direct current (DC), IEC 62196-2, IEC 62196-3, A protective cap is
supplied as standard for the DC and AC contacts.
Product description
Vehicle charging inlet for charging with alternating current (AC) and direct current (DC), compatible with type 1 AC and CCS vehicle charging
connectors (EVSE), for installation in electric vehicles (EV).
Your advantages
Complete product range
•
Uniform, space-saving dimensions for the installation space and the screw connection points of all Phoenix Contact vehicle charging inlets
•
Developed and produced in accordance with the IATF 16949 automotive standard and ISO 9001
•
Integrated interlock during charging
•
Manual emergency release of the locking actuator
•
Protected and sealed against dirt and water with a high degree of protection
•
Commercial data
Item number
1452003
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
EM01
Product key
XWCAIB
GTIN
4063151840303
Weight per piece (including packing)
26.25 g
Weight per piece (excluding packing)
25,000 g
Customs tariff number
85444290
Country of origin
PL
CHARX T1HBI12-1AC80DC200-10M1 - Vehicle
charging inlet
1452003
https://www.phoenixcontact.com/us/products/1452003
Oct 30, 2025, 12:13AM
Page 1 (16)


Similar Part No. - 1452003

ManufacturerPart #DatasheetDescription
logo
Heyco.
14520 HEYCO-14520 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Evolt
14520 EKTOR-14520 Datasheet
117Kb / 2P
QUADRO ADVANCED
4th of February 2025 08:48:28
logo
TE Connectivity Ltd
1452013 TEC-1452013 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
1452014 TEC-1452014 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
1452015-2 TEC-1452015-2 Datasheet
5Mb / 64P
GET.64 Interconnection System
Revised 4-2010.
More results

Similar Description - 1452003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1162148 PHOENIX-1162148 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-1AC32DC250-2,0M2
1162163 PHOENIX-1162163 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC80DC250-2,0M1
1162178 PHOENIX-1162178 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC48DC200-2,0M1
1194398 PHOENIX-1194398 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC48DC125-2,0M1
1210900 PHOENIX-1210900 Datasheet
606Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC80DC200-2,0M1
1210902 PHOENIX-1210902 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC48DC250-2,0M1
1211212 PHOENIX-1211212 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC200-2,0M2
1211222 PHOENIX-1211222 Datasheet
603Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-DC250-2,0M2
1211595 PHOENIX-1211595 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-DC200-2,0M1
1211606 PHOENIX-1211606 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-DC250-2,0M1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com