Electronic Components Datasheet Search
  English  ▼

X  

S-1701 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S-1701
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S-1701 Datasheet HTML 30Page - Seiko Instruments Inc S-1701 Datasheet HTML 31Page - Seiko Instruments Inc S-1701 Datasheet HTML 32Page - Seiko Instruments Inc S-1701 Datasheet HTML 33Page - Seiko Instruments Inc S-1701 Datasheet HTML 34Page - Seiko Instruments Inc S-1701 Datasheet HTML 35Page - Seiko Instruments Inc S-1701 Datasheet HTML 36Page - Seiko Instruments Inc S-1701 Datasheet HTML 37Page - Seiko Instruments Inc S-1701 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-1701 Series
Rev.2.4_00
Seiko Instruments Inc.
34
Selection of Input and Output Capacitors (CIN, CL)
The S-1701 Series requires an output capacitor between the VOUT and VSS pins for phase compensation.
A ceramic capacitor with a capacitance of 1.0
µF or more provides a stable operation in all temperature
ranges. When using an OS capacitor, tantalum capacitor, or aluminum electrolytic capacitor, a capacitor
with a capacitance of 1.0
µF or more and an ESR of 10 Ω or less is required.
The output overshoot and undershoot values, which are transient response characteristics, vary depending
on the output capacitor value. The required capacitance value for the input capacitor differs depending on
the application.
The recommended application values are CIN = 1.0
µF or more and CL = 1.0 µF or more, however, perform
thorough evaluation using the actual device, including evaluation of temperature characteristics.
Explanation of Terms
Regulator block
1. Low dropout voltage regulator
The low dropout voltage regulator is a voltage regulator whose dropout voltage is low due to its built-in
low on-resistance transistor.
2. Low ESR
A capacitor whose ESR (Equivalent Series Resistance) is low. The S-1701 Series enables use of a low
ESR capacitor, such as a ceramic capacitor, for the output-side capacitor (CL). A capacitor whose ESR is
10
Ω or less can be used.
3. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1. Differs depending on the product.
Caution If the above conditions change, the output voltage value may vary and exceed the
accuracy range of the output voltage. Please see the electrical characteristics and
attached characteristics data for details.
4. Line regulation
•
∆
∆
OUT
IN
1
OUT
V
V
V
Indicates the dependency of the output voltage on the input voltage. That is, the values show how much
the output voltage changes due to a change in the input voltage with the output current remaining
unchanged.
5. Load regulation (
∆VOUT2)
Indicates the dependency of the output voltage on the output current. That is, the values show how
much the output voltage changes due to a change in the output current with the input voltage remaining
unchanged.
6. Dropout voltage (Vdrop)
Indicates the difference between the input voltage VIN1, which is the input voltage (VIN) at the point where
the output voltage has fallen to 98% of the output voltage value VOUT3 after VIN was gradually decreased
from VIN = VOUT(S)
+ 1.0 V, and the output voltage at that point (VOUT3 × 0.98).
Vdrop = VIN1
− (VOUT3 × 0.98)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com