Electronic Components Datasheet Search
  English  ▼

X  

S-1701 Datasheet(PDF) 49 Page - Seiko Instruments Inc

Part # S-1701
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701 Datasheet(HTML) 49 Page - Seiko Instruments Inc

Back Button S-1701 Datasheet HTML 45Page - Seiko Instruments Inc S-1701 Datasheet HTML 46Page - Seiko Instruments Inc S-1701 Datasheet HTML 47Page - Seiko Instruments Inc S-1701 Datasheet HTML 48Page - Seiko Instruments Inc S-1701 Datasheet HTML 49Page - Seiko Instruments Inc S-1701 Datasheet HTML 50Page - Seiko Instruments Inc S-1701 Datasheet HTML 51Page - Seiko Instruments Inc S-1701 Datasheet HTML 52Page - Seiko Instruments Inc S-1701 Datasheet HTML 53Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.2.4_00
S-1701 Series
Seiko Instruments Inc.
49
Characteristics (Typical Data)
1. Regulator block
(1) Output voltage vs. Output current (when load current increases)
S-1701x15xx (VOUT = 1.5 V, Ta = 25
°C)
S-1701x30xx (VOUT = 3.0 V, Ta = 25
°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
200
400
600
800
2.0 V
VIN
= 1.8 V
2.5 V
6.5 V
3.5 V
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
400
600
800
200
0
3.5 V
VIN
= 3.3 V
4.0 V
6.5 V
5.0 V
IOUT [mA]
IOUT [mA]
S-1701x50xx (VOUT = 5.0 V, Ta = 25
°C)
6
5
4
3
2
1
0
400
600
800
200
0
5.5 V
VIN
= 5.3 V
6.0 V
6.5 V
Remark In determining the output current,
attention should be paid to the following.
1) The minimum output current value
and footnote *7 in Table 25 to 30 in
the “Electrical Characteristics”.
2) The package power dissipation
IOUT [mA]
(2) Output voltage vs. Input voltage
S-1701x15xx (VOUT = 1.5 V, Ta = 25
°C)
S-1701x30xx (VOUT = 3.0 V, Ta = 25
°C)
1.60
1.55
1.50
1.45
1.40
3.5
3.0
2.5
2.0
1.5
1.0
IOUT
= 1 mA
30 mA
100 mA
3.10
3.05
3.00
2.95
2.90
5.0
4.5
4.0
3.5
3.0
2.5
IOUT
= 1 mA
30 mA
100 mA
VIN [V]
VIN [V]
S-1701x50xx (VOUT = 5.0 V, Ta = 25
°C)
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
7.0
6.5
6.0
5.5
5.0
4.5
IOUT
= 1 mA
30 mA
100 mA
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com