Electronic Components Datasheet Search
  English  ▼

X  

S-1701 Datasheet(PDF) 45 Page - Seiko Instruments Inc

Part # S-1701
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701 Datasheet(HTML) 45 Page - Seiko Instruments Inc

Back Button S-1701 Datasheet HTML 41Page - Seiko Instruments Inc S-1701 Datasheet HTML 42Page - Seiko Instruments Inc S-1701 Datasheet HTML 43Page - Seiko Instruments Inc S-1701 Datasheet HTML 44Page - Seiko Instruments Inc S-1701 Datasheet HTML 45Page - Seiko Instruments Inc S-1701 Datasheet HTML 46Page - Seiko Instruments Inc S-1701 Datasheet HTML 47Page - Seiko Instruments Inc S-1701 Datasheet HTML 48Page - Seiko Instruments Inc S-1701 Datasheet HTML 49Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.2.4_00
S-1701 Series
Seiko Instruments Inc.
45
5. S-1701 Series N/ P/ Q types
The S-1701 Series N/ P/ Q types do not provide an ON/OFF function because the ON/OFF pin is connected
to the VIN pin in the circuit.
The detector block features the external SENSE pin, which allows monitoring of other power supplies. The
SENSE pin is configured only by a resistor, so instantaneous current such as through-type current does not
flow through this pin. This allows precise monitoring of the input power supply by connecting the SENSE pin
to the input power supply even when a resistor (RIN) is connected between the input power supply and the
VIN pin. The built-in counter timer allows selection of the release delay time from three settings (N: No delay
(60
µs), P: 50 ms, Q: 100 ms).
The power supply is shared by the regulator block and detector block and supplied from the VIN pin, so care
must be taken concerning the VIN pin input impedance
*1.
6. S-1701 Series R/ S/ T types
In the S-1701 Series R/ S/ T types, the VDOUT pin, which is the output pin of the detector, is connected to
the ON/OFF pin of the regulator in the circuit. This allows setting of the regulator to the standby mode at the
same time as the VDOUT pin outputs a RESET signal.
The detector block features an external SENSE pin, which allows monitoring of other power supplies. The
SENSE pin is configured only by a resistor, so instantaneous current such as through-type current does not
flow through this pin. This allows precise monitoring of the input power supply by connecting the SENSE pin
to the input power supply even when a resistor (RIN) is connected between the input power supply and the
VIN pin. The built-in counter timer allows selection of the release delay time from three settings (R: No delay
(60
µs), S: 50 ms, T: 100 ms).
The power supply is shared by the regulator block and detector block and supplied from the VIN pin, so care
must be taken concerning the VIN pin input impedance
*1.
7. S-1701 Series U/ V/ W types
The S-1701 Series U/ V/ W types do not provide an ON/OFF function because the ON/OFF pin is connected
to the VIN pin in the circuit.
The SENSE pin is connected to the VOUT pin, which is an output pin of the regulator, in the internal circuit of
the detector block, so the output voltage of the regulator (VOUT) is monitored and a reset signal is output from
the VDOUT pin
*2. The built-in counter timer allows selection of the release delay time from three settings (U:
No delay (60
µs), V: 50 ms, W: 100 ms).
The power supply is shared by the regulator block and detector block and supplied from the VIN pin, so care
must be taken concerning the VIN pin input impedance
*1.
8. S-1701 Series X/ Y/ Z types
The S-1701 Series X/ Y/ Z types do not provide an ON/OFF function because the ON/OFF pin is connected
to the VIN pin in the circuit.
The SENSE pin is connected to the VIN pin in the internal circuit of the detector block, so the voltage applied
to the VIN pin is monitored and a reset signal is output from the VDOUT pin. The built-in counter timer allows
selection of the release delay time from three settings (X: No delay (60
µs), Y: 50 ms, Z: 100 ms).
The power supply is shared by the regulator block and detector block and supplied from the VIN pin, so care
must be taken concerning the VIN pin input impedance
*1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com