| Electronic Components Datasheet Search |
|
OPA333 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA333 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 39 page ![]() V+ ILOAD A1 A2 Q1 Q2 + + + ± VIN RLOAD RS1 RS2 RS3 IRS1 IRS2 IRS3 VRS2 VRS3 VRS1 VLOAD V+ C6 C7 R3 R5 R4 R2 470 4.7 2200 pF 330 10 k 200 1000 pF 10 k 2 k Copyright © 2016, Texas Instruments Incorporated 21 OPA2188 www.ti.com SBOS525C – AUGUST 2011 – REVISED JUNE 2016 Product Folder Links: OPA2188 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information 9.2 Typical Applications 9.2.1 High-Side Voltage-to-Current (V-I) Converter The circuit shown in Figure 44 is a high-side voltage-to-current (V-I) converter. It translates in input voltage of 0 V to 2 V to and output current of 0 mA to 100 mA. Figure 45 shows the measured transfer function for this circuit. The low offset voltage and offset drift of the OPA2188 facilitate excellent dc accuracy for the circuit. Figure 44. High-Side Voltage-to-Current (V-I) Converter |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |