Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA333
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA333 Datasheet HTML 9Page - Texas Instruments OPA333 Datasheet HTML 10Page - Texas Instruments OPA333 Datasheet HTML 11Page - Texas Instruments OPA333 Datasheet HTML 12Page - Texas Instruments OPA333 Datasheet HTML 13Page - Texas Instruments OPA333 Datasheet HTML 14Page - Texas Instruments OPA333 Datasheet HTML 15Page - Texas Instruments OPA333 Datasheet HTML 16Page - Texas Instruments OPA333 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
10k
1k
100
10
1
1m
1
10
100
1k
10k
10M
Frequency(Hz)
100k
1M
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
Capacitive Load (pF)
+18 V
-18 V
R
OUT
C
L
Device
R
L
G = +1
R
= 0 W
OUT
R
= 25 W
OUT
R
= 50 W
OUT
R =
kW
L
10
25
20
15
10
5
0
5
10
15
20
-
-
-
-
10k
10M
Frequency(Hz)
1M
100k
G=10
G=+1
G= 1
-
3
2.5
2
1.5
1
0.5
0
-55
-35
-15
5
25
125
Temperature( C)
°
45
105
85
65
V
=4V,R =10kW
SUPPLY
L
V
=36V,R =10kW
SUPPLY
L
0.5
0.48
0.46
0.44
0.42
0.4
0.38
0.36
0.34
0.32
0.3
-55
-35
-15
5
25
125
Temperature( C)
°
45
105
85
65
V = 18V
±
S
V = 2V
±
S
1
10
100
1k
10k
100k
1M
10M
100M
−20
0
20
40
60
80
100
120
140
0
45
90
135
180
Frequency (Hz)
Gain
Phase
G001
13
OPA2188
www.ti.com
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 19. Quiescent Current vs Temperature
Figure 20. Open-Loop Gain and Phase vs Frequency
Figure 21. Closed-Loop Gain vs Frequency
Figure 22. Open-Loop Gain vs Temperature
Figure 23. Open-Loop Output Impedance vs Frequency
Figure 24. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com