| Electronic Components Datasheet Search |
|
OPA333 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA333 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 39 page ![]() 4 OPA2188 SBOS525C – AUGUST 2011 – REVISED JUNE 2016 www.ti.com Product Folder Links: OPA2188 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should be current-limited to 10 mA or less. (3) Short-circuit to ground, one amplifier per package. 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Voltage Supply voltage ±20, 40 (single supply) V Signal input terminals, voltage(2) (V–) – 0.5 (V+) + 0.5 V Current Signal input terminals, current(2) –10 10 mA Output short-circuit(3) Continuous Temperature Operating, TA –55 125 °C Junction, TJ 150 °C Storage, Tstg –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±1500 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1000 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VS Supply voltage 4 (±2) 36 (±18) V TA Specified temperature range -40 +105 °C (1) For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics. 7.4 Thermal Information THERMAL METRIC(1) OPA2188ID OPA2188IDGK UNIT D (SOIC) DGK (VSSOP) 8 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 111 159.3 °C/W RθJC(top) Junction-to-case (top) thermal resistance 54.9 37.4 °C/W RθJB Junction-to-board thermal resistance 51.7 48.5 °C/W ψJT Junction-to-top characterization parameter 9.3 1.2 °C/W ψJB Junction-to-board characterization parameter 51.1 77.1 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance n/a n/a °C/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |