Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA835
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA835 Datasheet(HTML) 2 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparision Table..............................................4
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings........................................ 6
7.2 ESD Ratings............................................................... 6
7.3 Recommended Operating Conditions.........................6
7.4 Thermal Information: OPA835.................................... 6
7.5 Thermal Information: OPA2835.................................. 7
7.6 Electrical Characteristics: VS = 2.7 V..........................7
7.7 Electrical Characteristics: VS = 5 V...........................10
7.8 Typical Characteristics: VS = 2.7 V........................... 13
7.9 Typical Characteristics: VS = 5 V.............................. 18
8 Detailed Description......................................................23
8.1 Overview................................................................... 23
8.2 Functional Block Diagram......................................... 23
8.3 Feature Description...................................................23
8.4 Device Functional Modes..........................................26
9 Application and Implementation.................................. 29
9.1 Application Information............................................. 29
9.2 Typical Application.................................................... 35
10 Power Supply Recommendations..............................39
11 Layout........................................................................... 40
11.1 Layout Guidelines................................................... 40
11.2 Layout Example...................................................... 41
12 Device and Documentation Support..........................42
12.1 Device Support....................................................... 42
12.2 Documentation Support.......................................... 42
12.3 Related Links.......................................................... 42
12.4 Receiving Notification of Documentation Updates..42
12.5 Support Resources................................................. 42
12.6 Trademarks.............................................................42
12.7 Electrostatic Discharge Caution..............................42
12.8 Glossary..................................................................42
13 Mechanical, Packaging, and Orderable
Information.................................................................... 42
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (August 2016) to Revision J (March 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Changed the input impedance common-mode typical test condition from 200 || 1.2 kΩ || pF to 250 || 1.2 MΩ ||
pF........................................................................................................................................................................7
• Changed the input impedance common-mode typical test condition from 200 || 1.2 kΩ || pF to 250 || 1.2 MΩ ||
pF......................................................................................................................................................................10
Changes from Revision H (November 2015) to Revision I (August 2016)
Page
• Reformatted table note on Thermal Information: OPA835 and Thermal Information: OPA2835 tables .............6
• Deleted the word "linear" from output voltage low, output voltage high, and output current drive parameters in
Electrical Characteristics: VS = 2.7 V table ........................................................................................................7
• Changed Current noise 1/f corner frequency parameter units from Hz to kHz in Electrical Characteristics: VS
= 5 V table ........................................................................................................................................................10
• Deleted the word "linear" from output voltage low, output voltage high, and output current drive parameters in
Electrical Characteristics: VS = 5 V table .........................................................................................................10
• Reformatted Development Support section .....................................................................................................42
• Reformatted Related Documentation section .................................................................................................. 42
Changes from Revision G (June 2015) to Revision H (November 2015)
Page
• Changed package designator from DMC to RMC (typo).................................................................................... 4
• Changed text in first paragraph of Power-Down Operation section..................................................................24
Changes from Revision F (June 2015) to Revision G (June 2015)
Page
• Moved all switching parameters from the Switching Characteristics: VS = 2.7 V back into the Electrical
Characteristics: VS = 2.7 V table ........................................................................................................................7
• Moved all switching parameters from the Switching Characteristics: VS = 5 V table back into the Electrical
Characteristics: VS = 5 V table .........................................................................................................................10
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com