Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA835
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA835 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
7.8 Typical Characteristics: VS = 2.7 V
Test conditions unless otherwise noted: VS+ = +2.7 V, VS– = 0 V, VOUT = 1 Vpp, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and
output referenced to mid-supply, VIN_CM = mid-supply – 0.5 V. TA = 25°C
-9
-6
-3
0
3
6
9
12
15
18
21
100k
1M
10M
100M
f - Frequency - Hz
V = 2.7 V,
V
= 100 mVpp,
R = 2 k
S
OUT
L
W
G = 10
G = 5
G = 2
G = 1
G = -1
Figure 7-1. Small-Signal Frequency Response
-9
-6
-3
0
3
6
9
12
15
18
21
100k
1M
10M
100M
f - Frequency - Hz
G = 10
G = 5
G = 2
G = -1
V = 2.7 V,
V
= 1 Vpp,
R = 2 k
S
OUT
L
W
G = 1
Figure 7-2. Large-Signal Frequency Response
0
0.5
1
1.5
2
2.5
0
500
1000
t - Time - ns
V = 2.7 V,
G = 1,
R = 0
R = 2 k
S
F
L
W
W
V
= 1.5 Vpp
OUT
V
= 0.5 Vpp
OUT
Figure 7-3. Noninverting Pulse Response
0
0.5
1
1.5
2
2.5
3
0
500
1000
t - Time - ns
V = 2.7 V,
G = -1,
R = 2 k
R = 2 k
S
F
L
W
W
V
= 2 Vpp
OUT
V
= 0.5 Vpp
OUT
Figure 7-4. Inverting Pulse Response
0
20
40
60
80
100
120
140
0.5
0.6
0.7
0.8
0.9
1
Rising
Falling
Output Voltage Step - V
V = 2.7 V,
G = 2,
R = 2 k
R = 2 k
S
F
L
W
W
Figure 7-5. Slew Rate vs Output Voltage Step
-0.25
0
0.25
0.5
0.75
0
500
1000
1500
2000
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
2.75
3.25
3.75
t - Time - ns
V = 2.7 V,
G = 5,
R = 2 k ,
R = 2 k
S
F
L
W
W
V
IN
V
OUT
Figure 7-6. Output Overdrive Recovery
www.ti.com
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com