Electronic Components Datasheet Search
  English  ▼

X  

OPA835 Datasheet(PDF) 39 Page - Texas Instruments

Part # OPA835
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA835 Datasheet(HTML) 39 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 35Page - Texas Instruments OPA835 Datasheet HTML 36Page - Texas Instruments OPA835 Datasheet HTML 37Page - Texas Instruments OPA835 Datasheet HTML 38Page - Texas Instruments OPA835 Datasheet HTML 39Page - Texas Instruments OPA835 Datasheet HTML 40Page - Texas Instruments OPA835 Datasheet HTML 41Page - Texas Instruments OPA835 Datasheet HTML 42Page - Texas Instruments OPA835 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
10 Power Supply Recommendations
The OPAx835 devices are intended to work in a supply range of 2.7 V to 5 V. Supply-voltage tolerances are
supported with the specified operating range of 2.5 V (7% on a 2.7-V supply) and 5.5 V (10% on a 5-V supply).
Good power-supply bypassing is required. Minimize the distance (< 0.1 inch) from the power-supply pins to
high frequency, 0.1-μF decoupling capacitors. A larger capacitor (2.2 µF is typical) is used along with a high
frequency, 0.1-µF supply-decoupling capacitor at the device supply pins. For single-supply operation, only the
positive supply has these capacitors. When a split supply is used, use these capacitors for each supply to
ground. If necessary, place the larger capacitors further from the device and share these capacitors among
several devices in the same area of the PCB. Avoid narrow power and ground traces to minimize inductance
between the pins and the decoupling capacitors. An optional supply decoupling capacitor across the two power
supplies (for bipolar operation) reduces second harmonic distortion.
www.ti.com
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com