Electronic Components Datasheet Search
  English  ▼

X  

OPA810IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA810IDBVR
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA810IDBVR Datasheet HTML 17Page - Texas Instruments OPA810IDBVR Datasheet HTML 18Page - Texas Instruments OPA810IDBVR Datasheet HTML 19Page - Texas Instruments OPA810IDBVR Datasheet HTML 20Page - Texas Instruments OPA810IDBVR Datasheet HTML 21Page - Texas Instruments OPA810IDBVR Datasheet HTML 22Page - Texas Instruments OPA810IDBVR Datasheet HTML 23Page - Texas Instruments OPA810IDBVR Datasheet HTML 24Page - Texas Instruments OPA810IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
6.11 Typical Characteristics: ±2.375-V to ±12-V Split Supply (continued)
at VO = 2 VPP, RF = 1 kΩ, RL = 1 kΩ and TA ≈ 25°C (unless otherwise noted)
Differential Input Voltage (V)
-7.5
-6
-4.5
-3
-1.5
0
1.5
3
4.5
6
7.5
-300
-200
-100
0
100
200
300
D115
TA = 25qC
TA = 125qC
Abs (VIN,Diff (max)) = VS when VS < 7 V
Figure 6-54. Input Bias Current vs Differential Input Voltage
Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
150
3.4
3.6
3.8
4
4.2
D117
32 units, SOIC package, VS = ±5 V
Figure 6-55. Quiescent Current vs Ambient Temperature
Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-800
-600
-400
-200
0
200
400
600
D116
32 units, SOIC package
Figure 6-56. Input Offset Voltage vs Ambient Temperature
Quiescent Current (mA)
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
22000
24000
D120
27000 units, µ = 3.82 mA, σ = 17 µA, VS = 24 V
Figure 6-57. Quiescent Current Distribution
Input Offset Voltage (PV)
0
2000
4000
6000
8000
10000
12000
14000
D113
27000 units, µ = 16 µV, σ = 63 µV, VS = 24 V
Figure 6-58. Input Offset Voltage Distribution
Input Offset Voltage Drift (PV/qC)
0
2
4
6
8
10
12
14
D114
–40°C to +125°C fit, 32 units, µ = –0.15 µV/°C, σ = 2.5 µV/°C
Figure 6-59. Input Offset Voltage Drift Distribution
www.ti.com
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com