Electronic Components Datasheet Search
  English  ▼

X  

OPA810IDBVR Datasheet(PDF) 36 Page - Texas Instruments

Part # OPA810IDBVR
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810IDBVR Datasheet(HTML) 36 Page - Texas Instruments

Back Button OPA810IDBVR Datasheet HTML 32Page - Texas Instruments OPA810IDBVR Datasheet HTML 33Page - Texas Instruments OPA810IDBVR Datasheet HTML 34Page - Texas Instruments OPA810IDBVR Datasheet HTML 35Page - Texas Instruments OPA810IDBVR Datasheet HTML 36Page - Texas Instruments OPA810IDBVR Datasheet HTML 37Page - Texas Instruments OPA810IDBVR Datasheet HTML 38Page - Texas Instruments OPA810IDBVR Datasheet HTML 39Page - Texas Instruments OPA810IDBVR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
8.4.2 Layout Example
Place bypass capacitors
close to power pins
Place output r esi stors close to
output pin to minimize
para sitic capa citance
Gro und and power plan e re mo ved
from in ner layers. Gro und fill on
outer layers a lso removed
Gro und and power plan e e xist on
inne r la yer s.
Place bypass capacitors
close to power pins
Remove G ND and Power plan e
und er o utp ut and inverting pins to
minimize stray PCB capacitance
CBYP
RF
RG
+
±
VS-
CBYP
VS+
Representative schematic of a
single channe l
1
8
2
7
3
6
4
5
RS
CBYP
CBYP
RS
Remove G ND and Power plan e
und er o utp ut and inverting pins to
minimize stray PCB capacitance
Place inpu t resistor close to pin 2 to
minimize p arasitic ca pacita nce
Place feedback r esistor on the
bottom of PCB be tween pin s 2 and 6
RG
Figure 8-19. Layout Recommendation
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com