Electronic Components Datasheet Search
  English  ▼

X  

OPA810IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA810IDBVR
Description  OPA810 140MHz, Rail-to-Rail Input and Output, FET-Input Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA810IDBVR Datasheet HTML 4Page - Texas Instruments OPA810IDBVR Datasheet HTML 5Page - Texas Instruments OPA810IDBVR Datasheet HTML 6Page - Texas Instruments OPA810IDBVR Datasheet HTML 7Page - Texas Instruments OPA810IDBVR Datasheet HTML 8Page - Texas Instruments OPA810IDBVR Datasheet HTML 9Page - Texas Instruments OPA810IDBVR Datasheet HTML 10Page - Texas Instruments OPA810IDBVR Datasheet HTML 11Page - Texas Instruments OPA810IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
6.6 Electrical Characteristics: 24 V (continued)
at TA = 25°C, VS+ = 12 V, VS– = –12 V, common-mode voltage (VCM) = mid-supply, and RL = 1 kΩ connected to mid-supply(1)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test
Level(2)
INPUT
Allowable input differential
voltage
see Figure 6-54
±7
V
C
Common-mode input
impedance
In closed-loop configuration
12 || 2.5
GΩ||pF
C
Differential input capacitance In open-loop configuration
0.5
pF
C
Most positive input voltage
ΔVOS < 5 mV(4)
VS+ + 0.2
VS+ + 0.3
V
A
Most negative input voltage
ΔVOS < 5 mV(4)
VS– – 0.2
VS– – 0.3
V
A
Most positive input voltage
for main-JFET stage
See Figure 6-33
VS+ – 2.9
VS+ – 2.5
V
C
OUTPUT
VOCRH
Output voltage range high
RL = 667 Ω
VS+ – 0.33 VS+ – 0.22
V
A
TA = –40°C to +125°C, RL = 667 Ω
VS+ – 0.36
B
VOCRL
Output voltage range low
RL = 667 Ω
VS– + 0.15
VS– +
0.23
V
A
TA = –40°C to +125°C, RL = 667 Ω
VS– +
0.33
B
IO(max)
Linear output drive (sourcing
and sinking)
Vo = 7.25 V, RL = 151 Ω, ΔVOS < 1 mV
48
64
mA
A
ISC
Output short-circuit current
108
mA
B
CL
Capacitive load drive
< 3-dB peaking, RS = 0 Ω
10
pF
C
POWER SUPPLY
IQ
Quiescent current per
channel
3.8
4.7
mA
A
PSRR
Power supply rejection ratio
ΔVS = ±2 V(5), SOIC package
90
105
dB
A
TA = –40°C to +125°C, SOIC package
90
B
AUXILIARY CMOS INPUT STAGE
Gain-bandwidth product
27
MHz
C
Input-referred voltage noise
f = 1 MHz
20
nV/√Hz
C
Input offset voltage
VCM = VS+ – 1.5 V, no load, SOIC
package
1.6
mV
A
Input bias current
VCM = VS+ – 1.5 V
2
24
pA
A
(1)
For ac specifications, G = 2 V/V, RF = 1 kΩ and CL = 4.7 pF (unless otherwise noted).
(2)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C, overtemperature limits by characterization and
simulation; (B) Not tested in production, limits set by characterization and simulation; (C) Typical value only for information.
(3)
Lower of the measured positive and negative slew rate.
(4)
Change in input offset from the value when input is biased to midsupply.
(5)
Change in supply voltage from the default test condition with only one of the positive or negative supplies changing corresponding to
+PSRR and –PSRR.
OPA810
SBOS799E – AUGUST 2019 – REVISED AUGUST 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com