Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA838IDBVT
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA838IDBVT Datasheet HTML 1Page - Texas Instruments OPA838IDBVT Datasheet HTML 2Page - Texas Instruments OPA838IDBVT Datasheet HTML 3Page - Texas Instruments OPA838IDBVT Datasheet HTML 4Page - Texas Instruments OPA838IDBVT Datasheet HTML 5Page - Texas Instruments OPA838IDBVT Datasheet HTML 6Page - Texas Instruments OPA838IDBVT Datasheet HTML 7Page - Texas Instruments OPA838IDBVT Datasheet HTML 8Page - Texas Instruments OPA838IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Related Products............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics VS = 5 V..............................5
6.6 Electrical Characteristics VS = 3 V..............................7
6.7 Typical Characteristics: VS = 5 V................................ 9
6.8 Typical Characteristics: VS = 3 V.............................. 12
6.9 Typical Characteristics: Over Supply Range.............15
7 Detailed Description......................................................20
7.1 Overview................................................................... 20
7.2 Functional Block Diagram......................................... 20
7.3 Feature Description...................................................21
7.4 Device Functional Modes..........................................25
8 Application and Implementation.................................. 29
8.1 Application Information............................................. 29
8.2 Typical Applications.................................................. 33
8.3 Power Supply Recommendations.............................37
8.4 Layout....................................................................... 38
9 Device and Documentation Support............................39
9.1 Device Support......................................................... 39
9.2 Documentation Support............................................ 39
9.3 Receiving Notification of Documentation Updates....39
9.4 Support Resources................................................... 39
9.5 Trademarks...............................................................39
9.6 Electrostatic Discharge Caution................................39
9.7 Glossary....................................................................39
10 Revision History.......................................................... 40
11 Mechanical, Packaging, and Orderable
Information.................................................................... 40
4 Related Products
PART NUMBER(1)
GBP (MHz)
5V IQ
(mA, MAXIMUM
25°C)
INPUT NOISE
VOLTAGE
(nV/√ Hz)
2VPP THD
(dBc, 100kHz)
RAIL-TO-RAIL
INPUT/OUTPUT
DUALS
OPA838
300
0.99
1.9
–110
Negative in/out
None
OPA837
50
0.625
4.7
–120
Negative in/out
OPA2837
OPA835
30
0.35
9.3
–100
Negative in/out
OPA2835
OPA836
110
1
4.8
–115
Negative in/out
OPA2836
LMP7717
88
1.4
5.8
—
Negative in/out
LMP7718
OPA830
100
4.7
9.5
–105
Negative in/out
OPA2830
THS4281
38
0.93
12.5
12.5
In/out
None
(1)
For a complete selection of TI high-speed amplifiers, visit www.ti.com.
OPA838
SBOS867E – AUGUST 2017 – REVISED AUGUST 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com