Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 40 Page - Texas Instruments

Part # OPA838IDBVT
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 40 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 36Page - Texas Instruments OPA838IDBVT Datasheet HTML 37Page - Texas Instruments OPA838IDBVT Datasheet HTML 38Page - Texas Instruments OPA838IDBVT Datasheet HTML 39Page - Texas Instruments OPA838IDBVT Datasheet HTML 40Page - Texas Instruments OPA838IDBVT Datasheet HTML 41Page - Texas Instruments OPA838IDBVT Datasheet HTML 42Page - Texas Instruments OPA838IDBVT Datasheet HTML 43Page - Texas Instruments OPA838IDBVT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (September 2024) to Revision E (August 2025)
Page
• Changed DXB (X2QFN, 8) package status from preview to production data and added associated content....1
• Changed Device Comparison Table to Related Products ................................................................................. 2
• Moved single voltage-noise and current-noise plot into two separate plots .................................................... 15
• Updated total drift equation in Output DC Error Calculations ..........................................................................31
Changes from Revision C (October 2023) to Revision D (September 2024)
Page
• Added DXB (X2QFN, 8) package and associated content to data sheet...........................................................1
Changes from Revision B (October 2018) to Revision C (October 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed Device Information table to Package Information, updated columns, and added note 2....................1
Changes from Revision A (February 2018) to Revision B (October 2018)
Page
• Changed < 5-µA Shutdown Current to < 1-µA Shutdown Current in Features section...................................... 1
• Changed value of common-mode and differential-mode input impedance in Electrical Characteristics VS = 5 V
and Electrical Characteristics VS = 3 V tables....................................................................................................5
• Changed value of power-down quiescent current in Electrical Characteristics: VS = 5 V and Electrical
Characteristics VS = 3 V tables.......................................................................................................................... 5
• Changed 5 µA to 1 µA in Overview section .....................................................................................................20
• Changed standby current from 5 µA to 1 µA in Power-Down Operation section............................................. 22
• Changed common-mode input capacitance from 1.3 pF to 1 pF in Trade-Offs in Selecting The Feedback
Resistor Value section...................................................................................................................................... 22
• Changed 1 + 6.3 / 1.2 = 6.25 V/V, adding the 1.3-pF device common-mode capacitance to 1 + 6 / 1.2 = 6 V/V,
adding the 1-pF device common-mode capacitance in Trade-Offs in Selecting The Feedback Resistor Value
section.............................................................................................................................................................. 22
• Changed 2 µA to 0.1 µA and 5 µA to 1 µA in last sentence of Power Shutdown Operation section............... 28
• Changed Power Supply Recommendations and Thermal Notes title to Power Supply Recommendations ... 37
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
OPA838
SBOS867E – AUGUST 2017 – REVISED AUGUST 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com