Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA838IDBVT
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA838IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 5Page - Texas Instruments OPA838IDBVT Datasheet HTML 6Page - Texas Instruments OPA838IDBVT Datasheet HTML 7Page - Texas Instruments OPA838IDBVT Datasheet HTML 8Page - Texas Instruments OPA838IDBVT Datasheet HTML 9Page - Texas Instruments OPA838IDBVT Datasheet HTML 10Page - Texas Instruments OPA838IDBVT Datasheet HTML 11Page - Texas Instruments OPA838IDBVT Datasheet HTML 12Page - Texas Instruments OPA838IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
6.7 Typical Characteristics: VS = 5 V
at VS+ = 5 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and TA ≈
25°C (unless otherwise noted)
Frequency (MHz)
-15
-12
-9
-6
-3
0
3
100m
1
10
100
D001
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
Gain = 50 V/V
See Figure 8-1 and Table 8-1 (VO = 20 mVPP, R LOAD = 2 kΩ)
Figure 6-1. Noninverting Small-Signal Frequency Response vs
Gain
Frequency (MHz)
-15
-12
-9
-6
-3
0
3
6
100m
1
10
100
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
Gain = 50 V/V
See Figure 8-2 and Table 8-2 (VO = 20 mVPP, R LOAD= 2 kΩ)
Figure 6-2. Inverting Small-Signal Frequency Response vs Gain
Frequency (MHz)
0
3
6
9
12
15
18
100m
1
10
100
VO = 200 mVPP
VO = 500 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
Gain = 6 V/V, R LOAD = 2 kΩ
Figure 6-3. Noninverting Large-Signal Bandwidth vs VOPP
Frequency (MHz)
0
3
6
9
12
15
18
100m
1
10
100
VO = 200 mVPP
VO = 500 mVPP
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
Gain = –6 V/V, R LOAD = 2 kΩ
Figure 6-4. Inverting Large-Signal Bandwidth vs VOPP
Frequency (MHz)
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
100m
1
10
100
D005
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
See Figure 8-1 and Table 8-1 (VO = 200 mVPP, R LOAD = 2 kΩ)
Figure 6-5. Noninverting Response Flatness vs Gain
Frequency (MHz)
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
100m
1
10
100
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
See Figure 8-2 and Table 8-2 (VO = 200 mVPP; R LOAD = 2 kΩ)
Figure 6-6. Inverting Response Flatness vs Gain
www.ti.com
OPA838
SBOS867E – AUGUST 2017 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com