Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBR Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1795DBR
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DBR Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 20Page - Texas Instruments PCM1795DBR Datasheet HTML 21Page - Texas Instruments PCM1795DBR Datasheet HTML 22Page - Texas Instruments PCM1795DBR Datasheet HTML 23Page - Texas Instruments PCM1795DBR Datasheet HTML 24Page - Texas Instruments PCM1795DBR Datasheet HTML 25Page - Texas Instruments PCM1795DBR Datasheet HTML 26Page - Texas Instruments PCM1795DBR Datasheet HTML 27Page - Texas Instruments PCM1795DBR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
t
(MCH)
1.4V
MS
t
(MSS)
LSB
1.4V
1.4V
t
(MCL)
t
(MCY)
t
(MDS)
MC
MDI
t
(MOS)
50%ofV
DD
MDO
t
(MHH)
t
(MSH)
t
(MDH)
HighImpedance
WhenReadModeisInstructed
R/W
A6
MS
MC
MDI
MDO
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
NOTE: Bit 15 is used for selection of write or read. Setting R/W = 0 indicates a write, while R/W = 1 indicates a read.
Bits 14–8 are used for the register address. Bits 7–0 are used for register data.
Figure 43. Serial Control Format
Figure 44. Control Interface Timing
Table 7. Control Interface Timing Characteristics for Figure 44
MIN
MAX
UNIT
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
40
ns
t(MCH)
MC high-level time
40
ns
t(MHH)
MS high-level time
80
ns
t(MSS)
MS falling edge to MC rising edge
15
ns
t(MSH)
MS hold time(1)
15
ns
t(MDH)
MDI hold time
15
ns
t(MDS)
MDI setup time
15
ns
t(MOS)
MC falling edge to MDO stable
30
ns
(1)
MC rising edge for LSB to MS rising edge.
24
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com