Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBR Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM1795DBR
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DBR Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 31Page - Texas Instruments PCM1795DBR Datasheet HTML 32Page - Texas Instruments PCM1795DBR Datasheet HTML 33Page - Texas Instruments PCM1795DBR Datasheet HTML 34Page - Texas Instruments PCM1795DBR Datasheet HTML 35Page - Texas Instruments PCM1795DBR Datasheet HTML 36Page - Texas Instruments PCM1795DBR Datasheet HTML 37Page - Texas Instruments PCM1795DBR Datasheet HTML 38Page - Texas Instruments PCM1795DBR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
Register 23
R
0
0
1
0
1
1
1
RSV
RSV
RSV
ID4
ID3
ID2
ID1
ID0
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 22
R
0
0
1
0
1
1
0
RSV
RSV
RSV
RSV
RSV
RSV
ZFGR
ZFGL
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 21
R/W
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
DZ1
DZ0
PCMZ
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
PCM1795
www.ti.com
SLES248A – MAY 2009 – REVISED MARCH 2015
7.6.1.3.23
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
7.6.1.3.24
DZ[1:0]: DSD Zero Output Enable
These bits are available for read and write.
Default value: 00
Table 29. DZ[1:0]
DZ[1:0]
ZERO OUTPUT ENABLE
00
Disabled (default)
01
Even pattern detect 1 × 96h pattern detect
The DZ bits are used to enable or disable the output zero flags and to select the zero pattern in DSD mode.
7.6.1.3.25
PCMZ: PCM Zero Output Enable
These bits are available for read and write.
Default value: 1
Table 30. PCMZ
PCMZ
PCM ZERO OUTPUT SETTING
PCMZ = 0
PCM zero output disabled
PCMZ = 1
PCM zero output enabled (default)
The PCMZ bit is used to enable or disable the output zero flags in PCM mode and the external DF mode.
7.6.1.3.26
R: Read Mode Select
Value is always '1', specifying the readback mode.
7.6.1.3.27
ZFGx: Zero-Detection Flag
Where x = L or R, corresponding to the DAC output channel. These bits are available only for readback.
Default value: 00
Table 31. ZFGx
ZFGx
ZERO DETECTION
ZFGx = 0
Not zero
ZFGx = 1
Zero detected
These bits show zero conditions. The status is the same as that of the zero flags at ZEROL (pin 1) and ZEROR
(pin 2). See Zero Detect.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com