Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBR Datasheet(PDF) 49 Page - Texas Instruments

Part # PCM1795DBR
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DBR Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM1795DBR Datasheet HTML 45Page - Texas Instruments PCM1795DBR Datasheet HTML 46Page - Texas Instruments PCM1795DBR Datasheet HTML 47Page - Texas Instruments PCM1795DBR Datasheet HTML 48Page - Texas Instruments PCM1795DBR Datasheet HTML 49Page - Texas Instruments PCM1795DBR Datasheet HTML 50Page - Texas Instruments PCM1795DBR Datasheet HTML 51Page - Texas Instruments PCM1795DBR Datasheet HTML 52Page - Texas Instruments PCM1795DBR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Pre-TDMCA Frame
BCK
LRCK
TDMCAFrame
Command
Accept
2BCKs
FSX
FSR
CLKX
DX
CLKR
DR
TI DSP
Host
Controller
IN Device
PCM1795
LRCK
BCK
DI
DO
DCI
VDD
Device ID = 1
DCO
PCM1795
www.ti.com
SLES248A – MAY 2009 – REVISED MARCH 2015
8.2.4 TDMCA Interface Format
The PCM1795 device supports the time-division-multiplexed command and audio (TDMCA) data format to
simplify the host control serial interface. TDMCA format is designed not only for the multichannel buffered serial
port description (McBSP) of TI DSPs but also for any programmable devices. TDMCA format can transfer not
only audio data but also command data, so that it can be used together with any kind of device that supports
TDMCA format. The TDMCA frame consists of a command field, extended command field, and some audio data
fields. Those audio data are transported to IN devices (such as a DAC) and/or from OUT devices (such as an
ADC). The PCM1795 is an IN device. LRCK and BCK are used with both IN and OUT devices so that the
sample frequency of all devices in a system must be the same. The TDMCA mode supports a maximum of 30
device IDs. The maximum number of audio channels depends on the BCK frequency.
Figure 68. TDMCA Diagram
8.2.4.1 Design Requirements
•
Control: TDMCA control information
•
Audio Input: TDMCA input with LRCK signal with a pulse of two BCK clocks
•
Audio Output: I/V output circuitry
8.2.4.2 Detailed Design Procedure
8.2.4.2.1
TDMCA Mode Determination
The PCM1795 device recognizes the TDMCA mode automatically when it receives an LRCK signal with a pulse
duration of two BCK clocks. If the TDMCA mode operation is not needed, the duty cycle of LRCK must be 50%.
Figure 69 shows the LRCK and BCK timing that determines the TDMCA mode. The PCM1795 device enters
TDMCA mode after two continuous TDMCA frames. Any TDMCA commands can be issued during the next
TDMCA frame after entering TDMCA mode.
Figure 69. LRCK and BCK Timing for Determination of TDMCA Mode
8.2.4.2.2
TDMCA Terminals
TDMCA requires six signals: four signals are for the command and audio data interface, and one pair for daisy-
chaining. These signals can be shared as shown in Table 40. The DO signal has a 3-state output so that it can
be connected directly to other devices.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com