Electronic Components Datasheet Search
  English  ▼

X  

PCM2707C Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM2707C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2707C Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM2707C Datasheet HTML 35Page - Texas Instruments PCM2707C Datasheet HTML 36Page - Texas Instruments PCM2707C Datasheet HTML 37Page - Texas Instruments PCM2707C Datasheet HTML 38Page - Texas Instruments PCM2707C Datasheet HTML 39Page - Texas Instruments PCM2707C Datasheet HTML 40Page - Texas Instruments PCM2707C Datasheet HTML 41Page - Texas Instruments PCM2707C Datasheet HTML 42Page - Texas Instruments PCM2707C Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
PCM2707C
0.022uF
0.022uF
100uF
100uF
10uF
22
22
D-
D+
VBUS
GND
1M
10pF-33pF
12MHz
10pF-33pF
1uF
1uF
V
R
OUT
V
L
OUT
SUSPEND
Decoupling capacitors as
close as possible to de IC
Clock hardware for
built-in resonator
USB port
10uF
DIN
LRCK
MS
MC
MD
BCK
DOUT
System Clock
0.1uF
Connection to power 3.3 V
Connection to ground
Bottom layer
Top layer
Top layer ground plane
I2S I/F Audio
Device
PCM2704C, PCM2705C, PCM2706C, PCM2707C
www.ti.com
SBFS036B – MAY 2015 – REVISED AUGUST 2015
Layout Example (continued)
Figure 40. Layout Example 3
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com