Electronic Components Datasheet Search
  English  ▼

X  

PCM2707C Datasheet(PDF) 41 Page - Texas Instruments

Part # PCM2707C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2707C Datasheet(HTML) 41 Page - Texas Instruments

Back Button PCM2707C Datasheet HTML 37Page - Texas Instruments PCM2707C Datasheet HTML 38Page - Texas Instruments PCM2707C Datasheet HTML 39Page - Texas Instruments PCM2707C Datasheet HTML 40Page - Texas Instruments PCM2707C Datasheet HTML 41Page - Texas Instruments PCM2707C Datasheet HTML 42Page - Texas Instruments PCM2707C Datasheet HTML 43Page - Texas Instruments PCM2707C Datasheet HTML 44Page - Texas Instruments PCM2707C Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PCM2704CDB
Active
Production
SSOP (DB) | 28
50 | BULK
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704C
PCM2704CDB.B
Active
Production
SSOP (DB) | 28
50 | BULK
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704C
PCM2704CDBR
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704C
PCM2704CDBR.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704C
PCM2705CDB
Active
Production
SSOP (DB) | 28
50 | BULK
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705C
PCM2705CDB.B
Active
Production
SSOP (DB) | 28
50 | BULK
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705C
PCM2705CDBR
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705C
PCM2705CDBR.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705C
PCM2705CDBRG4
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705C
PCM2705CDBRG4.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705C
PCM2706CPJT
Active
Production
TQFP (PJT) | 32
250 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706C
PCM2706CPJT.B
Active
Production
TQFP (PJT) | 32
250 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706C
PCM2706CPJTR
Active
Production
TQFP (PJT) | 32
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706C
PCM2706CPJTR.B
Active
Production
TQFP (PJT) | 32
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706C
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com