Electronic Components Datasheet Search
  English  ▼

X  

PCM2707C Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM2707C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2707C Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM2707C Datasheet HTML 6Page - Texas Instruments PCM2707C Datasheet HTML 7Page - Texas Instruments PCM2707C Datasheet HTML 8Page - Texas Instruments PCM2707C Datasheet HTML 9Page - Texas Instruments PCM2707C Datasheet HTML 10Page - Texas Instruments PCM2707C Datasheet HTML 11Page - Texas Instruments PCM2707C Datasheet HTML 12Page - Texas Instruments PCM2707C Datasheet HTML 13Page - Texas Instruments PCM2707C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics: PCM2704CDB, PCM2705CDB, PCM2706CPJT,
PCM2707CPJT (continued)
All specifications at TA = 25°C, VBUS = 5 V, ƒS = 44.1 kHz, ƒIN = 1 kHz, and 16-bit data (unless otherwise noted). For the Host
interface, apply USB revision 1.1, full-speed. For audio data format, use USB isochronous data format.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
0.55 VCCL
Output voltage
VPP
0.55 VCCR
Center voltage
0.5 VCCP
V
Line
AC-coupling
10
k
Ω
Load impedance
Headphone
AC-coupling
16
32
Ω
–3 dB
140
kHz
LPF frequency response
ƒ = 20 kHz
–0.1
dB
DIGITAL FILTER PERFORMANCE
Passband
0.454 ƒS
Hz
Stop band
0.546 ƒS
Hz
Passband ripple
±0.04
dB
Stop band attenuation
–50
dB
Delay time
20 / ƒS
s
POWER SUPPLY REQUIREMENTS
VBUS
Bus-powered
4.35
5
5.25
Voltage range
VDC
VCCP, VCCL, VCCR, VDD
Self-powered
3
3.3
3.6
Line
DAC operation
23
30
mA
Supply current
Headphone
DAC operation (RL = 32 Ω)
35
46
Line/headphone
Suspend mode (6)
150
190
μA
Line
DAC operation
76
108
mW
Power dissipation
Headphone
DAC operation (RL = 32 Ω)
116
166
(self-powered)
Line/headphone
Suspend mode (6)
495
684
μW
Line
DAC operation
115
158
mW
Power dissipation
Headphone
DAC operation (RL = 32 Ω)
175
242
(bus-powered)
Line/headphone
Suspend mode (6)
750
998
μW
Internal power-
VCCP, VCCL, VCCR, VDD
Bus-powered
3.2
3.35
3.5
VDC
supply voltage (7)
TEMPERATURE RANGE
Operating temperature
–25
85
°C
(6)
In USB suspended state
(7)
VDD, VCCP, VCCL, VCCR pins. These pins work as output pins of internal power supply for bus-powered operation.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com