Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 59 Page - Texas Instruments

Part # PCM186X
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM186X Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 55Page - Texas Instruments PCM186X Datasheet HTML 56Page - Texas Instruments PCM186X Datasheet HTML 57Page - Texas Instruments PCM186X Datasheet HTML 58Page - Texas Instruments PCM186X Datasheet HTML 59Page - Texas Instruments PCM186X Datasheet HTML 60Page - Texas Instruments PCM186X Datasheet HTML 61Page - Texas Instruments PCM186X Datasheet HTML 62Page - Texas Instruments PCM186X Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 145 page
background image
BCK (fixed at 256 × fS)
LRCK / Frame Sync
24-Bit
No Gaps
50% Duty Cycle (Master Mode)
Ch1 data
(24 bits)
DATA
Ch2 data
(24 bits)
Ch3 data
(24 bits)
Ch4 data
(24 bits)
Ch5 data
(24 bits)
Ch6 data
(24 bits)
Ch7 data
(24 bits)
Ch8 data
(24 bits)
Ch9 data
(24 bits)
Ch10 data
(24 bits)
1BCK or 50% Duty Cycle (Slave Mode)
xx
xx
EMPTY
(16 bits)
Ch1 data
(24 bits)
LRCK / Frame Sync
BCK (fixed at 256 × fS)
LRCK / Frame Sync
24-Bit
8-Bit Gaps
50% Duty Cycle (Master Mode)
Ch1 data
(24 bits)
DATA
1BCK or 50% Duty Cycle (Slave Mode)
LRCK / Frame Sync
xx
xx
8
bits
Ch2 data
(24 bits)
Ch3 data
(24 bits)
Ch4 data
(24 bits)
Ch5 data
(24 bits)
Ch6 data
(24 bits)
Ch7 data
(24 bits)
Ch8 data
(24 bits)
Example
24-Bit
TDM Mode
Example
32-Bit
Mode
x
x
8
bits
x
x
8
bits
xx
xx
8
bits
x
x
8
bits
xx
xx
8
bits
x
x
8
bits
x
x
8
bits
59
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
www.ti.com
SLAS831D – MARCH 2014 – REVISED MARCH 2018
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
In master mode, only a 50% duty cycle on the output is possible. This configuration is made by setting
TDM_LRCK_MODE (Page.0 0x0B) to 0.
Typically when interfacing to a DSP, only the rising edge on the first bit of data of the frame is required.
While the device is not transmitting data (but still being clocked), the DOUT pin will be Hi-Z (high impedance) to
allow other devices on the bus to transmit their data.
TDM mode is configured using I2S_FMT (Page.0 0x0B), TDM_LRCK_MODE (Page.0 0x0B), TDM_OSEL
(Page.0 0x0C)
The timing limits for the interface signals are defined by the Serial Audio Data Interface Configuration section
with the addition that the BCK period minimum must be at least 1 / (512 × fS) to make sure that data is clocked in
correctly.
The audio format is shown in Figure 46. The 24-bit data can fit up to 10 channels of data in a 256x bitclock
stream; however, the I2C-controlled devices only have two possible I2C addresses. The eight channels of audio
data should be no issue.
Figure 46. Audio Format for TDM
NOTE
TDM mode can only function up to 96 kHz sampling rate when IOVDD is 1.8 V. This is
due to an I/O limitation of 25 MHz at 1.8 V.
9.3.16.5 Decimation Filter Select
The PCM186x offers a choice of two different digital filters, a Classic FIR response and a low latency IIR.
9.3.16.6 Serial Audio Data Interface Configuration
The PCM186x devices interface to the audio system through LRCK, BCK and DOUT.
The PCM186x hardware-controlled devices are configured using pin MD4 to select between left-justified data and
I2S.
The PCM186x software-controlled devices are configured using register I2S_FMT (Page.0 0x0B). Use register
I2S_TX_OFFSET (Page.0 0x0D) when dealing with TDM systems to offset the data transmit.
In addition, the offset required for receiving 24-bit data is programmed using RX_TDM_OFFSET (P0, R0x0E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com