Electronic Components Datasheet Search
  English  ▼

X  

PCM5121PW Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM5121PW
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121PW Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM5121PW Datasheet HTML 35Page - Texas Instruments PCM5121PW Datasheet HTML 36Page - Texas Instruments PCM5121PW Datasheet HTML 37Page - Texas Instruments PCM5121PW Datasheet HTML 38Page - Texas Instruments PCM5121PW Datasheet HTML 39Page - Texas Instruments PCM5121PW Datasheet HTML 40Page - Texas Instruments PCM5121PW Datasheet HTML 41Page - Texas Instruments PCM5121PW Datasheet HTML 42Page - Texas Instruments PCM5121PW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
L1
R1
L2
R2
Select
Lch
Rch
L1
R1
L2
R2
L3
R3
x
x
x
x
x
x
Gain3
Gai n2
Gain1
Lch
Rch
( )
( )
( )
(
)
å
·
=
i
G a in
n
,i
L
_
In p u t
n
L
_
O u t
39
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table 22. DRC Coefficients (continued)
COEFFICIENT
REGISTER
DRC_MB_1_One_M1
C143 (Pg 48, Reg 100, 101, 102, 103)
DRC_MB_1_Band1_GainE
C144 (Pg 48, Reg 104, 105, 106, 107)
DRC_MB_1_Band2_GainE
C145 (Pg 48, Reg 108, 109, 110, 111)
DRC_MB_1_Band3_GainE
C146 (Pg 48, Reg 112, 113, 114, 115)
DRC_MB_1_minus_One_M2
C147 (Pg 48, Reg 116, 117, 118, 119)
8.3.4.3.5
Stereo Mixer
Three stereo inputs are mixed into one stereo output with input signal gain given by Equation 2.
where
•
i=1:2,3
(2)
Figure 58 and Table 23 show the stereo mixer operation.
Figure 58. Stereo Mixer Block
Table 23. Stereo Mixer Coefficients
COEFFICIENT
REGISTER
Stereo_Mixer_1_MixGain1
C148 (Pg 48, Reg 120, 121, 122, 123)
Stereo_Mixer_1_MixGain2
C149 (Pg 48, Reg 124, 125, 126, 127)
Stereo_Mixer_1_MixGain3
C150 (Pg 49, Reg 8, 9, 10, 11)
8.3.4.3.6
Stereo Multiplexer
The Stereo Multiplexer selects one or two from 4 stereo input channels.
Figure 59. Stereo Multiplexer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com