Electronic Components Datasheet Search
  English  ▼

X  

PCM5121PW Datasheet(PDF) 56 Page - Texas Instruments

Part # PCM5121PW
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121PW Datasheet(HTML) 56 Page - Texas Instruments

Back Button PCM5121PW Datasheet HTML 52Page - Texas Instruments PCM5121PW Datasheet HTML 53Page - Texas Instruments PCM5121PW Datasheet HTML 54Page - Texas Instruments PCM5121PW Datasheet HTML 55Page - Texas Instruments PCM5121PW Datasheet HTML 56Page - Texas Instruments PCM5121PW Datasheet HTML 57Page - Texas Instruments PCM5121PW Datasheet HTML 58Page - Texas Instruments PCM5121PW Datasheet HTML 59Page - Texas Instruments PCM5121PW Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 121 page
background image
t
BUF
t
S-HD
t
LOW
t
D-SU
t
D-HD
t
SCL-F
t
SCL-R
t
RS-HD
t
RS-SU
t
SP
t
P-SU
SDA
SCL
t
HI
START
Repeated
START
STOP
t
SDA-R
t
SDA-F
56
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table 40. Write Operation - Basic I2C Framework
Transmitter
M
M
M
S
M
S
M
S
S
M
Data Type
St
slave address
R/
ACK
DATA
ACK
DATA
ACK
ACK
Sp
Table 41. Read Operation - Basic I2C Framework
Transmitter
M
M
M
S
S
M
S
M
M
M
Data Type
St
slave address
R/
ACK
DATA
ACK
DATA
ACK
NACK
Sp
M = Master Device; S = Slave Device; St = Start Condition; Sp = Stop Condition
8.4.1.1.2.4
Write Register
A master can write to any PCM512x registers using single or multiple accesses. The master sends a PCM512x
slave address with a write bit, a register address with auto-increment bit, and the data. If auto-increment is
enabled, the address is that of the starting register, followed by the data to be transferred. When the data is
received properly, the index register is incremented by 1 automatically. When the index register reaches 0x7F,
the next value is 0x0. Table 42 shows the write operation.
Table 42. Write Operation
Transmitter
M
M
M
S
M
S
M
S
M
S
S
M
Data Type
St
slave addr
W
ACK
inc
reg
addr
ACK
write
data 1
ACK
write
data 2
ACK
ACK
Sp
M = Master Device; S = Slave Device; St = Start Condition; Sp = Stop Condition; W = Write; ACK =
Acknowledge
8.4.1.1.2.5
Read Register
A master can read the PCM512x register. The value of the register address is stored in an indirect index register
in advance. The master sends a PCM512x slave address with a read bit after storing the register address. Then
the PCM512x transfers the data which the index register points to. When auto-increment is enabled, the index
register is incremented by 1 automatically. When the index register reaches 0x7F, the next value is 0x0. Table 43
shows the read operation.
Table 43. Read Operation
Transmitter
M
M
M
S
M
S
M
M
M
S
S
M
M
M
Data Type
St
slave
addr
W
ACK
inc
reg
addr
ACK
Sr
slave
addr
R
ACK
data
ACK
NACK
Sp
M = Master Device; S = Slave Device; St = Start Condition; Sr = Repeated Start Condition; Sp = Stop Condition;
W = Write; R = Read; NACK = Not acknowledge
8.4.1.1.2.6
Timing Characteristics
Figure 74. Register Access Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com