Electronic Components Datasheet Search
  English  ▼

X  

PCM5121PW Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM5121PW
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM5121PW Datasheet HTML 3Page - Texas Instruments PCM5121PW Datasheet HTML 4Page - Texas Instruments PCM5121PW Datasheet HTML 5Page - Texas Instruments PCM5121PW Datasheet HTML 6Page - Texas Instruments PCM5121PW Datasheet HTML 7Page - Texas Instruments PCM5121PW Datasheet HTML 8Page - Texas Instruments PCM5121PW Datasheet HTML 9Page - Texas Instruments PCM5121PW Datasheet HTML 10Page - Texas Instruments PCM5121PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 121 page
background image
7
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
AVDD, CPVDD, DVDD
–0.3
3.9
V
LDO with DVDD at 1.8 V
–0.3
2.25
Digital input voltage
DVDD at 1.8 V
–0.3
2.25
V
DVDD at 3.3 V
–0.3
3.9
Analog input voltage
–0.3
3.9
V
Operating junction temperature, TJ
–40
130
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
All grounds on board are tied together; they must not differ in voltage by more than 0.2-V maximum, for any combination of ground
signals.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
AVDD
Analog power supply voltage
Referenced to AGND(1)
VCOM mode
3
3.3
3.46
V
VREF mode
3.2
3.3
3.46
DVDD
Digital power supply voltage
Referenced to DGND(1)
1.8 V DVDD
1.65
1.8
1.95
V
3.3 V DVDD
3.1
3.3
3.46
CPVDD
Charge pump supply voltage
Referenced to CPGND(1)
3.1
3.3
3.46
V
MCLK
Master clock frequency
50
MHz
LOL, LOR
Stereo line output load resistance
1
10
k
Ω
CLOUT
Digital output load capacitance
10
pF
TJ
Operating junction temperature
–40
130
°C
(1)
For more information about trdational and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
PCM512x
UNIT
RHB (TSSOP)
32 PINS
RθJA
Junction-to-ambient thermal resistance
72.2
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
17.5
°C/W
RθJB
Junction-to-board thermal resistance
35.0
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
34.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com