Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AHCT240DW
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DW Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHCT240DW Datasheet HTML 1Page - Texas Instruments SN74AHCT240DW Datasheet HTML 2Page - Texas Instruments SN74AHCT240DW Datasheet HTML 3Page - Texas Instruments SN74AHCT240DW Datasheet HTML 4Page - Texas Instruments SN74AHCT240DW Datasheet HTML 5Page - Texas Instruments SN74AHCT240DW Datasheet HTML 6Page - Texas Instruments SN74AHCT240DW Datasheet HTML 7Page - Texas Instruments SN74AHCT240DW Datasheet HTML 8Page - Texas Instruments SN74AHCT240DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
SN54AHCT240
SN74AHCT240
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level Input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the Implications of Slow or
Floating CMOS Inputs application report.
5.4 Thermal Information
THERMAL METRIC(1)
SN74AHCT240
UNIT
DW (SOIC)
DB (SSOP)
N (PDIP)
NS (SOP
PW (TSSOP)
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal
resistance
81.1
99.9
54.9
80.4
116.8
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
48.9
61.7
41.7
46.9
58.5
RθJB
Junction-to-board thermal
resistance
53.8
55.2
35.8
47.9
78.7
ψJT
Junction-to-top characterization
parameter
19.5
22.6
27.9
19.9
12.6
ψJB
Junction-to-board characterization
parameter
53.1
54.8
35.7
47.5
77.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54AHCT240
–40°C to 85°C
SN74AHCT240
–40°C to 125°C
SN74AHCT240
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
VOH
High-level
output voltage
IOH = –50 µA, VCC = 4.5 V
4.4
4.5
4.4
4.4
4.4
V
IOH = –8 mA, VCC = 4.5 V
3.94
3.8
3.8
3.8
VOL
Low-level
output voltage
IOL = 50 µA, VCC = 4.5 V
0.1
0.1
0.1
0.1
V
IOL = 8 mA, VCC = 4.5 V
0.36
0.44
0.44
0.44
IOZ
High-
impedance-
state output
current
VO = VCC or GND
VCC = 5.5 V
±0.25
±2.5
±2.5
±2.5
µA
II
Inflection-
point current
VI = 5.5 V or GND
VCC = 0 V to 5.5 V
±0.1
±1(1)
±1
±1
µA
ICC
Supply
current
VI = VCC or GND
IO = 0,VCC = 5.5 V
4
40
40
40
µA
ΔICC (2)
Supply
current
change
One input at 3.4 V
other inputs at VCC or
GND
VCC = 5.5 V
1.35
1.5
1.5
1.5
mA
Ci
Input
capacitance
VI = VCC or GND
VCC = 5.5 V
2.5
10
10
10
pF
www.ti.com
SN54AHCT240, SN74AHCT240
SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54AHCT240 SN74AHCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com