Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DW Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74AHCT240DW
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AHCT240DW Datasheet HTML 7Page - Texas Instruments SN74AHCT240DW Datasheet HTML 8Page - Texas Instruments SN74AHCT240DW Datasheet HTML 9Page - Texas Instruments SN74AHCT240DW Datasheet HTML 10Page - Texas Instruments SN74AHCT240DW Datasheet HTML 11Page - Texas Instruments SN74AHCT240DW Datasheet HTML 12Page - Texas Instruments SN74AHCT240DW Datasheet HTML 13Page - Texas Instruments SN74AHCT240DW Datasheet HTML 14Page - Texas Instruments SN74AHCT240DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
6 Detailed Description
6.1 Overview
The SN74AHCT240 devices are organized as two 4-bit buffers/line drivers with separate output-enable ( OE)
inputs. When OE is low, the device passes inverted data from the A inputs to the Y outputs. When OE is high,
the outputs are in the high-impedance state. To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by
the current-sinking capability of the driver.
6.2 Functional Block Diagram
1Y1
1OE
1A1
1Y2
1A2
1Y3
1A3
1Y4
1A4
2Y1
2OE
2A1
2Y2
2A2
2Y3
2A3
2Y4
2A4
Copyright © 2016, Texas Instruments Incorporated
6.3 Feature Description
• VCC is optimized at 5 V
• Allows up-voltage translation from 3.3 V to 5 V
– Inputs accept VIH levels of 2 V
• Slow edge rates minimize output ringing
• Inputs are TTL-voltage compatible
6.4 Device Functional Modes
Table 6-1. Function Table
(Each 4-bit Inverting Buffer/Driver)
INPUTS
OUTPUT
Y
OE
A
L
H
L
L
L
H
H
X
Z
www.ti.com
SN54AHCT240, SN74AHCT240
SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN54AHCT240 SN74AHCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com