Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AHCT240DW
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT240DW Datasheet HTML 1Page - Texas Instruments SN74AHCT240DW Datasheet HTML 2Page - Texas Instruments SN74AHCT240DW Datasheet HTML 3Page - Texas Instruments SN74AHCT240DW Datasheet HTML 4Page - Texas Instruments SN74AHCT240DW Datasheet HTML 5Page - Texas Instruments SN74AHCT240DW Datasheet HTML 6Page - Texas Instruments SN74AHCT240DW Datasheet HTML 7Page - Texas Instruments SN74AHCT240DW Datasheet HTML 8Page - Texas Instruments SN74AHCT240DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
1 Features
• Inputs are TTL-voltage compatible
• Latch-up performance exceeds 250mA
per JESD 17
• On products compliant to MIL-PRF-38535,
All parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.
2 Applications
• Network Switches
• Health and Fitness
• Televisions
• Power Infrastructures
3 Description
The SNx4AHCT240 octal buffers/drivers are designed
specifically to improve both the performance and
density of tri-state memory-address drivers, clock
drivers, and bus-oriented receivers and transmitters.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SN74AHCT240
DB (SSOP, 20)
7.2mm × 7.8mm
7.50mm x 5.30mm
NS (SOP, 20)
12.60mm x 7.8mm
12.6mm x 5.30mm
PW (TSSOP, 20)
6.50mm × 6.4mm
6.50mm x 4.40mm
DW (SOIC, 20)
12.80mm × 10.3mm 12.8mm x 7.5mm
N (PDIP, 20)
24.33mm x 9.4mm
25.40mm x 6.35mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
1Y1
1OE
1A1
1Y2
1A2
1Y3
1A3
1Y4
1A4
2Y1
2OE
2A1
2Y2
2A2
2Y3
2A3
2Y4
2A4
Copyright © 2016, Texas Instruments Incorporated
Simplified Schematic
SN54AHCT240, SN74AHCT240
SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AHCT240DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
86Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
950Kb / 26P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI1-SN74AHCT240DW Datasheet
1Mb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI1-SN74AHCT240DW Datasheet
1Mb / 28P
SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
More results

Similar Description - SN74AHCT240DW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
Octal Buffers/Line Drivers with TRI-STATE Outputs
MM54C240 NSC-MM54C240 Datasheet
142Kb / 6P
Octal Buffers and Line Drivers with TRI-STATE Outputs
logo
NXP Semiconductors
HEF40240B PHILIPS-HEF40240B Datasheet
64Kb / 6P
Octal inverting buffers with 3-state outputs
January 1995
logo
National Semiconductor ...
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
Octal Buffers/Line Drivers With TRI-State Outputs
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
Octal Buffers/Line Drivers With TRI-State Outputs
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LV240A TI1-SN54LV240A_15 Datasheet
1,011Kb / 27P
Octal Inverting Buffers/Drivers With 3-State Outputs
54F240 TI1-54F240 Datasheet
439Kb / 12P
Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
SN54AHCT240 TI1-SN54AHCT240_16 Datasheet
1Mb / 28P
SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com