Electronic Components Datasheet Search
  English  ▼

X  

FERD40H100STS Datasheet(PDF) 9 Page - STMicroelectronics

Part # FERD40H100STS
Description  100 V, 40 A field-effect rectifier diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100STS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button FERD40H100STS Datasheet HTML 5Page - STMicroelectronics FERD40H100STS Datasheet HTML 6Page - STMicroelectronics FERD40H100STS Datasheet HTML 7Page - STMicroelectronics FERD40H100STS Datasheet HTML 8Page - STMicroelectronics FERD40H100STS Datasheet HTML 9Page - STMicroelectronics FERD40H100STS Datasheet HTML 10Page - STMicroelectronics FERD40H100STS Datasheet HTML 11Page - STMicroelectronics FERD40H100STS Datasheet HTML 12Page - STMicroelectronics FERD40H100STS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Table 5. TO-220FPAB package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A
4.40
4.60
0.1739
0.1818
B
2.50
2.70
0.0988
0.1067
D
2.50
2.75
0.0988
0.1087
E
0.45
0.70
0.0178
0.0277
F
0.75
1.00
0.0296
0.0395
F1
1.15
1.70
0.0455
0.0672
F2
1.15
1.70
0.0455
0.0672
G
4.95
5.20
0.1957
0.2055
G1
2.40
2.70
0.0949
0.1067
H
10.00
10.40
0.3953
0.4111
L2
16.00 typ.
0.6324 typ.
L3
28.60
30.60
1.1304
1.2095
L4
9.80
10.60
0.3874
0.4190
L5
2.90
3.60
0.1146
0.1423
L6
15.90
16.40
0.6285
0.6482
L7
9.00
9.30
0.3557
0.3676
Dia
3.00
3.20
0.1186
0.1265
FERD40H100S
TO-220FPAB package information
DS11576 - Rev 2
page 9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com