Electronic Components Datasheet Search
  English  ▼

X  

FERD40H100STS Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD40H100STS
Description  100 V, 40 A field-effect rectifier diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100STS Datasheet(HTML) 1 Page - STMicroelectronics

  FERD40H100STS Datasheet HTML 1Page - STMicroelectronics FERD40H100STS Datasheet HTML 2Page - STMicroelectronics FERD40H100STS Datasheet HTML 3Page - STMicroelectronics FERD40H100STS Datasheet HTML 4Page - STMicroelectronics FERD40H100STS Datasheet HTML 5Page - STMicroelectronics FERD40H100STS Datasheet HTML 6Page - STMicroelectronics FERD40H100STS Datasheet HTML 7Page - STMicroelectronics FERD40H100STS Datasheet HTML 8Page - STMicroelectronics FERD40H100STS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A
K
A
A
K
A
TO-220FPAB
K
A
A
K
D²PAK
A
K
A
TO-220AB
K
Features
•
ST patented rectifier process
•
Stable leakage current over reverse voltage
•
Low forward voltage drop
•
High frequency operation
•
ECOPACK®2 compliant
Applications
•
Adapter
•
Gaming console power supply
•
Battery charger
•
DC / DC converter
Description
This single rectifier is based on a proprietary technology, enabling to achieve the best
in class VF/IR for a given silicon surface.
Packaged in TO-220AB, TO-220FPAB and D2PAK, the FERD40H100S is optimized
for use in confined applications where both efficiency and thermal performance are
key. With a lower dependency of leakage current (IR) and forward voltage (VF) in
function of temperature, the thermal runaway risk is reduced. It is highly
recommended to be used in adapters and chargers.
Product status
FERD40H100S
Product summary
Symbol
Value
IF(AV)
40 A
VRRM
100 V
T j(max.)
175 °C
VF(typ.)
0.325 V
100 V, 40 A field-effect rectifier diode
FERD40H100S
Datasheet
DS11576 - Rev 2 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - FERD40H100STS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD40H100STS STMICROELECTRONICS-FERD40H100STS Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
More results

Similar Description - FERD40H100STS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
100 V field-effect rectifier diode
07-Apr-2016
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
100 V field-effect rectifier diode
09-May-2016
FERD15S50S STMICROELECTRONICS-FERD15S50S Datasheet
355Kb / 8P
50 V field-effect rectifier diode
February 2017 Rev 1
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
45 V field-effect rectifier diode
January 2018 Rev 1
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
100 V field-effect rectifier diode
14-Nov-2017
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD60H100C-Y STMICROELECTRONICS-FERD60H100C-Y Datasheet
196Kb / 8P
100 V, 2 x 30 A field-effect rectifier diode
06-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com