Electronic Components Datasheet Search
  English  ▼

X  

FERD40H100STS Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD40H100STS
Description  100 V, 40 A field-effect rectifier diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100STS Datasheet(HTML) 3 Page - STMicroelectronics

  FERD40H100STS Datasheet HTML 1Page - STMicroelectronics FERD40H100STS Datasheet HTML 2Page - STMicroelectronics FERD40H100STS Datasheet HTML 3Page - STMicroelectronics FERD40H100STS Datasheet HTML 4Page - STMicroelectronics FERD40H100STS Datasheet HTML 5Page - STMicroelectronics FERD40H100STS Datasheet HTML 6Page - STMicroelectronics FERD40H100STS Datasheet HTML 7Page - STMicroelectronics FERD40H100STS Datasheet HTML 8Page - STMicroelectronics FERD40H100STS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward current versus case
temperature (δ = 0.5)
0
10
20
30
40
50
IF(AV)(A)
0
25
50
75
100
125
150
175
TO-220AB / D²PAK
TO-220FPAB
Tc(°C)
T
δ=tp/T
tp
Figure 2. Relative variation of thermal impedance junction
to case versus pulse duration (TO-220AB, D2PAK)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
Single pulse
Zth(j-c)/Rth(j-c)
tp(s)
Figure 3. Relative variation of thermal impedance junction
to case versus pulse duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Single pulse
Zth(j-c)/Rth(j-c)
tp(s)
TO-220FPAB
Figure 4. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
30
40
50
60
70
80
90
100
IR(mA)
VR(V)
Tj = 150 °C
Tj = 100 °C
Tj = 125 °C
Tj = 75 °C
Tj = 25 °C
Tj = 50 °C
FERD40H100S
Characteristics (curves)
DS11576 - Rev 2
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com