Electronic Components Datasheet Search
  English  ▼

X  

L99ASC03 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 54Page - STMicroelectronics L99ASC03 Datasheet HTML 55Page - STMicroelectronics L99ASC03 Datasheet HTML 56Page - STMicroelectronics L99ASC03 Datasheet HTML 57Page - STMicroelectronics L99ASC03 Datasheet HTML 58Page - STMicroelectronics L99ASC03 Datasheet HTML 59Page - STMicroelectronics L99ASC03 Datasheet HTML 60Page - STMicroelectronics L99ASC03 Datasheet HTML 61Page - STMicroelectronics L99ASC03 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
ST-SPI Protocol
L99ASC03
58/73
DocID023504 Rev 7
4.4.5
Device Control Register 4
Device Control Register 4
Address:
0x4
Type:
R/W
Description:
In this register, the current for charging and discharging the gates of the external
MOSFETs can be selected.
7
6
5
4
3210
Bit name
PCSO(3)
PCSO(2)
PCSO(1)
PCSO(0)
PCSI(3)
PCSI(2)
PCSI(1)
PCSI(0)
Default values
0
0
0
0
0000
Bit Bit description
[7:4] PCSO: peak source current of gate drivers.
0000: PCSO = 0 mA
0001: PCSO = 15 mA
0010: PCSO = 25 mA
.....
1111: PCSO = 215 mA
[3:0] PCSI: Peak SInk Current of gate drivers.
0000: PCSI = 0 mA
0001: PCSI = 40 mA
0010: PCSI = 60 mA
.....
1111: PCSI = 600 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com