Electronic Components Datasheet Search
  English  ▼

X  

L99ASC03 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 22Page - STMicroelectronics L99ASC03 Datasheet HTML 23Page - STMicroelectronics L99ASC03 Datasheet HTML 24Page - STMicroelectronics L99ASC03 Datasheet HTML 25Page - STMicroelectronics L99ASC03 Datasheet HTML 26Page - STMicroelectronics L99ASC03 Datasheet HTML 27Page - STMicroelectronics L99ASC03 Datasheet HTML 28Page - STMicroelectronics L99ASC03 Datasheet HTML 29Page - STMicroelectronics L99ASC03 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Device description
L99ASC03
26/73
DocID023504 Rev 7
VDD
Short circuit at VDD
turn-on
FS (FS = 1 in the
GSB)
VDDFAIL = 1
– Gate drivers
actively discharged;
charge pump, CSA
and BEMF module
OFF
– Control registers
(except Control
Register 1 and
DSFT_DIS) reset to
default value
Read & Clear
VDDFAIL
Undervoltage
(VDD < reset
threshold)
FS (FS = 1 in the
GSB)
VDDUV = 1
– NRES asserted low
– Gate drivers
actively discharged;
charge pump, CSA
and BEMF module
OFF
– Control registers
(except Control
Register 1 and
DSFT_DIS) reset to
default value
Read & Clear
VDDUV
Undervoltage
warning
(VDD_VTH = 0 and
VDD <VRT2)
GW (GW = 1 in
the GSB)
VRT2LOW = 1
– None
Read & Clear
VRT2LOW
SPI
SDI short circuit to
GND or VDD
FS and SPIE
(FS = 1 and
SPIE = 1 in the
GSB)
SPI_DI = 1 and
SPIE = 1 in the
GSB
– Gate drivers
actively discharged;
charge pump, CSA
and BEMF module
OFF
– Control registers
(except Control
Register 1 and
DSFT_DIS bits)
reset to default
value
– SPI frame ignored
Read & Clear
SPI_DI
CSN timeout or
SCK clock count
other than 0 or 16
GW and SPIE
(GW = 1 and
SPIE = 1 in the
GSB)
SPI_FL = 1 and
SPIE = 1 in the
GSB
SPI frame ignored
Read & Clear
SPI_FL
Table 5. Diagnostics overview (continued)
Source
Cause
Event type
Diagnosis
Device action
Clear error /
warning flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73