Electronic Components Datasheet Search
  English  ▼

X  

L99ASC03 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 63Page - STMicroelectronics L99ASC03 Datasheet HTML 64Page - STMicroelectronics L99ASC03 Datasheet HTML 65Page - STMicroelectronics L99ASC03 Datasheet HTML 66Page - STMicroelectronics L99ASC03 Datasheet HTML 67Page - STMicroelectronics L99ASC03 Datasheet HTML 68Page - STMicroelectronics L99ASC03 Datasheet HTML 69Page - STMicroelectronics L99ASC03 Datasheet HTML 70Page - STMicroelectronics L99ASC03 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
DocID023504 Rev 7
67/73
L99ASC03
Package information
72
5
Package information
5.1
ECOPACK® packages
n order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.2
TQFP48-EP mechanical data
Figure 26. TQFP48-EP package dimensions
Note:
D2 and E2 not in scale in the drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73