Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDCKT Datasheet(PDF) 37 Page - Texas Instruments

Part # REF3333AIDCKT
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDCKT Datasheet(HTML) 37 Page - Texas Instruments

Back Button REF3333AIDCKT Datasheet HTML 31Page - Texas Instruments REF3333AIDCKT Datasheet HTML 32Page - Texas Instruments REF3333AIDCKT Datasheet HTML 33Page - Texas Instruments REF3333AIDCKT Datasheet HTML 34Page - Texas Instruments REF3333AIDCKT Datasheet HTML 35Page - Texas Instruments REF3333AIDCKT Datasheet HTML 36Page - Texas Instruments REF3333AIDCKT Datasheet HTML 37Page - Texas Instruments REF3333AIDCKT Datasheet HTML 38Page - Texas Instruments REF3333AIDCKT Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
2X (0.6)
2X (0.3)
2X
(0.2)
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
6X (0.55)
4X (0.25)
4X (0.5)
(1.35)
(1.3)
(R0.05) TYP
UQFN - 0.6 mm max height
RSE0008A
PLASTIC QUAD FLATPACK - NO LEAD
4220323/B 03/2018
SYMM
1
3
5
8
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
4
7
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NOT TO SCALE
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
OPENING
METAL
UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com