Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDCKT Datasheet(PDF) 10 Page - Texas Instruments

Part # REF3333AIDCKT
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDCKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3333AIDCKT Datasheet HTML 6Page - Texas Instruments REF3333AIDCKT Datasheet HTML 7Page - Texas Instruments REF3333AIDCKT Datasheet HTML 8Page - Texas Instruments REF3333AIDCKT Datasheet HTML 9Page - Texas Instruments REF3333AIDCKT Datasheet HTML 10Page - Texas Instruments REF3333AIDCKT Datasheet HTML 11Page - Texas Instruments REF3333AIDCKT Datasheet HTML 12Page - Texas Instruments REF3333AIDCKT Datasheet HTML 13Page - Texas Instruments REF3333AIDCKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
PRE
POST
6
HYST
NOM
V
V
V
10 (ppm)
V
æ
ö
-
=
×
ç
÷
ç
÷
è
ø
Time(200 s/div)
m
V
IN
V
OUT
200 s/div
m
V
OUT
-1mA
+1mA
-1mA
I
LOAD
Time(400 s/div)
m
V
IN
V
OUT
200 s/div
m
V
OUT
-5mA
+5mA
-5mA
I
LOAD
10
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C and VIN = 5 V, and REF3325 used for typical characteristic measurements (unless otherwise noted).
CLOAD = 10 μF, IOUT = 0 mA
Figure 13. Line Transient
CL = 1 μF, ±5-mA Output Pulse
Figure 14. Load Transient
CLOAD = 10 μF, IOUT = 1 mA
Figure 15. Line Transient
CL = 1 μF, ±1-mA Output Pulse
Figure 16. Load Transient
8 Parameter Measurement Information
8.1 Thermal Hysteresis
Thermal hysteresis for the REF33xx is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C. It can be expressed as
Equation 1:
where
•
VHYST = thermal hysteresis (in units of ppm).
•
VNOM = the specified output voltage.
•
VPRE = output voltage measured at 25°C pretemperature cycling.
•
VPOST = output voltage measured after the device cycles from 25°C through the specified temperature range of
–40°C to 125°C and returns to 25°C.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com