Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDCKT Datasheet(PDF) 11 Page - Texas Instruments

Part # REF3333AIDCKT
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDCKT Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3333AIDCKT Datasheet HTML 7Page - Texas Instruments REF3333AIDCKT Datasheet HTML 8Page - Texas Instruments REF3333AIDCKT Datasheet HTML 9Page - Texas Instruments REF3333AIDCKT Datasheet HTML 10Page - Texas Instruments REF3333AIDCKT Datasheet HTML 11Page - Texas Instruments REF3333AIDCKT Datasheet HTML 12Page - Texas Instruments REF3333AIDCKT Datasheet HTML 13Page - Texas Instruments REF3333AIDCKT Datasheet HTML 14Page - Texas Instruments REF3333AIDCKT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Time(400 s/div)
m
V
IN
0.1 F
m
1 F
m
10 F
m
V
IN
REF33xx
GND
V
OUT
1.2V
Bandgap
REF33xx
V
IN
V
OUT
V
OUT
V
IN
C
BYPASS
1 Fto10 F
(recommended)
m
m
C
L
0.1 Fto10 F
m
m
GND
11
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
www.ti.com
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The REF33xx is a family of low-power, precision band-gap voltage references that are specifically designed for
extremely low dropout, excellent initial voltage accuracy with a high output current. A simplified block diagram of
the REF33xx is shown in the Functional Block Diagram section. Figure 17 shows the typical connections for the
REF33xx. A supply bypass capacitor ranging between 1 μF to 10 μF is recommended. The total capacitive load
at the output must be between 0.1 μF to 10 μF to ensure output stability.
Figure 17. Basic Connections
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Start-Up Time
The REF33xx features an advanced start-up circuit. Start-up time is almost independent of load (with a 0.1-μF to
10-μF load). Upon startup, the current boost circuit forces the output voltage. When the preset voltage is
reached, the REF33xx switches to the second stage of output circuitry to precisely set the output voltage.
Figure 18 shows the start-up time of the REF3325 for three different capacitive loads. In all three cases, the
output voltage settles within 2 ms.
Figure 18. Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com