Electronic Components Datasheet Search
  English  ▼

X  

SN54HC151 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HC151
Description  SNx4HC151 8-Line To 1-Line Data Selectors/Multiplexers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC151 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC151 Datasheet HTML 1Page - Texas Instruments SN54HC151 Datasheet HTML 2Page - Texas Instruments SN54HC151 Datasheet HTML 3Page - Texas Instruments SN54HC151 Datasheet HTML 4Page - Texas Instruments SN54HC151 Datasheet HTML 5Page - Texas Instruments SN54HC151 Datasheet HTML 6Page - Texas Instruments SN54HC151 Datasheet HTML 7Page - Texas Instruments SN54HC151 Datasheet HTML 8Page - Texas Instruments SN54HC151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
D5
D7
A
V
CC
15
16
D3
D2
D1
D0
Y
W
G
D4
C
D6
B
J, D, N, NS, or PW Package
16-Pin CDIP, SOIC, PDIP, SO, TSSOP
Top View
4
5
6
7
8
3
2
1
20
19
18
17
16
15
14
9
10 11 12 13
D1
D0
NC
Y
W
D5
D6
NC
D7
A
FK Package
20-Pin LCCC
Top View
www.ti.com
SN54HC151, SN74HC151
SCLS110F – DECEMBER 1982 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54HC151 SN74HC151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com