Electronic Components Datasheet Search
  English  ▼

X  

SN54HC151 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54HC151
Description  SNx4HC151 8-Line To 1-Line Data Selectors/Multiplexers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC151 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54HC151 Datasheet HTML 2Page - Texas Instruments SN54HC151 Datasheet HTML 3Page - Texas Instruments SN54HC151 Datasheet HTML 4Page - Texas Instruments SN54HC151 Datasheet HTML 5Page - Texas Instruments SN54HC151 Datasheet HTML 6Page - Texas Instruments SN54HC151 Datasheet HTML 7Page - Texas Instruments SN54HC151 Datasheet HTML 8Page - Texas Instruments SN54HC151 Datasheet HTML 9Page - Texas Instruments SN54HC151 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
5.6 Switching Characteristics
over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Parameter
Measurement Information)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC (V)
TA = 25°C
SN54HC151
SN74HC151
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A, B, or C
Y or W
2
107
350
525
440
ns
4.5
33
70
105
88
6
30
59
89
76
Any D
Y or W
2
90
275
415
345
4.5
29
51
83
69
6
25
47
72
59
G
Y or W
2
67
205
310
255
4.5
21
41
62
51
6
18
35
53
43
tt
Y or W
2
51
210
315
265
ns
4.5
16
42
63
53
6
14
36
53
45
5.7 Operating Characteristics
TA = 25℃
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
70
pF
SN54HC151, SN74HC151
SCLS110F – DECEMBER 1982 – REVISED FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN54HC151 SN74HC151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com