Electronic Components Datasheet Search
  English  ▼

X  

SN54HC151 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54HC151
Description  SNx4HC151 8-Line To 1-Line Data Selectors/Multiplexers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC151 Datasheet(HTML) 4 Page - Texas Instruments

  SN54HC151 Datasheet HTML 1Page - Texas Instruments SN54HC151 Datasheet HTML 2Page - Texas Instruments SN54HC151 Datasheet HTML 3Page - Texas Instruments SN54HC151 Datasheet HTML 4Page - Texas Instruments SN54HC151 Datasheet HTML 5Page - Texas Instruments SN54HC151 Datasheet HTML 6Page - Texas Instruments SN54HC151 Datasheet HTML 7Page - Texas Instruments SN54HC151 Datasheet HTML 8Page - Texas Instruments SN54HC151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
mA
IIK
Input clamp current(2)
VI < 0 or VI > VCC
±20
mA
IOK
Output clamp current(2)
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±35
mA
Continuous current through VCC or GND
±70
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Section 5.2 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 Recommended Operating Conditions(1)
SN54HC151
SN74HC151
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
2
5
6
2
5
6
V
VIH
High-level input voltage
VCC = 2 V
1.5
1.5
V
VCC = 4.5 V
3.15
3.15
VCC = 6 V
4.2
4.2
VIL
Low-level input voltage
VCC = 2 V
0.5
0.5
V
VCC = 4.5 V
1.35
1.35
VCC = 6 V
1.8
1.8
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
tt
Input transition rise/fall time
VCC = 2 V
1000
1000
ns
VCC = 4.5 V
500
500
VCC = 6 V
400
400
TA
Operating free-air temperature
−55
125
−40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application
report,Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5.3 Thermal Information
THERMAL METRIC
D (SOIC)
N (PDIP)
NS (SO)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
16 PINS
R θJA
Junction-to-ambient thermal
resistance
(1)
73
67
64
108
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
SN54HC151, SN74HC151
SCLS110F – DECEMBER 1982 – REVISED FEBRUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN54HC151 SN74HC151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com