Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD256DR Datasheet(PDF) 21 Page - Texas Instruments

Part # SN65HVD256DR
Description  SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65HVD256DR Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN65HVD256DR Datasheet HTML 17Page - Texas Instruments SN65HVD256DR Datasheet HTML 18Page - Texas Instruments SN65HVD256DR Datasheet HTML 19Page - Texas Instruments SN65HVD256DR Datasheet HTML 20Page - Texas Instruments SN65HVD256DR Datasheet HTML 21Page - Texas Instruments SN65HVD256DR Datasheet HTML 22Page - Texas Instruments SN65HVD256DR Datasheet HTML 23Page - Texas Instruments SN65HVD256DR Datasheet HTML 24Page - Texas Instruments SN65HVD256DR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
SN65HVD255, SN65HVD256, SN65HVD257
www.ti.com
SLLSEA2D – DECEMBER 2011 – REVISED MAY 2015
9.4.5 Digital Inputs and Outputs
9.4.5.1 5-V VCC Only Devices (SN65HVD255 and SN65HVD257)
The 5-V VCC device is supplied by a single 5-V rail. The digital inputs are 5-V and 3.3-V compatible. The
SN65HVD255 and SN65HVD257 devices have a 5-V (VCC) level RXD output. TXD is internally pulled up to VCC
and S is internally pulled down to GND.
NOTE
TXD is internally pulled up to VCC and the S pin is internally pulled down to GND.
However, the internal bias may only put the device into a known state if the pins float. The
internal bias may be inadequate for system-level biasing. TXD pullup strength and CAN bit
timing require special consideration when the SN65HVD25x devices are used with an
open-drain TXD output on the CAN controller. An adequate external pullup resistor must
be used to ensure that the CAN controller output of the
μP maintains adequate bit timing
input to the SN65HVD25x devices.
9.4.5.2 5-V VCC With VRXD RXD Output Supply Devices (SN65HVD256)
This device is a 5-V VCC CAN transceiver with a separate supply for the RXD output, VRXD. The digital inputs are
5-V and 3.3-V compatible. The SN65HVD256 device has a VRXD level RXD output. TXD remains weakly pulled
up to VCC.
NOTE
On device versions with a VRXD supply that shifts the RXD output level, the input pins of
the device remain the same. TXD remains weakly pulled up to VCC internally. Thus, a
small IIH current flows if the TXD input is used below VCC levels.
9.4.5.3 5-V VCC with FAULT Open-Drain Output Device (SN65HVD257)
The SN65HVD257 device has a FAULT output pin (open-drain). FAULT must be pulled up to VCC or I/O supply
level through an external resistor.
NOTE
Because the FAULT output pin is open-drain, it actively pulls down when there is no fault
and becomes high-impedance when a fault condition is detected. An external pullup
resistor to the VCC or I/O supply of the system must be used to pull the pin high to indicate
a fault to the host microprocessor. The open-drain architecture makes the fault pin
compatible with 3.3-V and 5-V I/O-level systems. The pullup current, selected by the
pullup resistance value, must be as low as possible while achieving the desired voltage
level output in the system with margin against noise.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SN65HVD255 SN65HVD256 SN65HVD257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com