Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD256DR Datasheet(PDF) 22 Page - Texas Instruments

Part # SN65HVD256DR
Description  SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65HVD256DR Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN65HVD256DR Datasheet HTML 18Page - Texas Instruments SN65HVD256DR Datasheet HTML 19Page - Texas Instruments SN65HVD256DR Datasheet HTML 20Page - Texas Instruments SN65HVD256DR Datasheet HTML 21Page - Texas Instruments SN65HVD256DR Datasheet HTML 22Page - Texas Instruments SN65HVD256DR Datasheet HTML 23Page - Texas Instruments SN65HVD256DR Datasheet HTML 24Page - Texas Instruments SN65HVD256DR Datasheet HTML 25Page - Texas Instruments SN65HVD256DR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
SN65HVD255, SN65HVD256, SN65HVD257
SLLSEA2D – DECEMBER 2011 – REVISED MAY 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Bus Loading, Length, and Number of Nodes
The ISO 11898 standard states that a CAN bus should have a maximum of 30 nodes, be less than 40 meters
from end to end, and should have no stubs greater than 0.3 meters. However, with careful design, users can
have longer cables, longer stub lengths, and many more nodes to a bus. A large number of nodes requires a
transceiver with high input impedance, such as the SN65HVD25x family devices.
Many CAN organizations and standards have scaled the use of CAN for applications outside the original
ISO11898 standard. They have made system level trade-offs for data rate, cable length, and parasitic loading of
the bus. Examples of some of these specifications are: ARINC825, CANopen, DeviceNet, and NMEA200.
A CAN network design is a series of trade-offs, but these devices operate over wide common-mode range. In
ISO11898-2, the driver differential output is specified with a 60-
Ω load (the two 120-Ω termination resistors in
parallel) and the differential output must be greater than 1.5 V. The SN65HVD25x devices are specified to meet
the 1.5-V requirement with a 45-
Ω load incorporating the worst case including parallel transceivers. The
differential input resistance of the SN65HVD25x devices is a minimum of 30 K
Ω. If 167 SN65HVD25x family
transceivers are in parallel on a bus, this is equivalent to a 180-
Ω differential load worst case. That transceiver
load of 180
Ω in parallel with the 60 Ω gives a total 45 Ω. Therefore, the SN65HVD25x family theoretically
supports over 167 transceivers on a single bus segment with margin to the 1.2-V minimum differential input at
each node. However, CAN network design margin must be given for signal loss across the system and cabling,
parasitic loadings, network imbalances, ground offsets, and signal integrity; thus a practical maximum number of
nodes is typically much lower. Bus length may also be extended beyond the original ISO11898 standard of 40 m
by careful system design and data-rate tradeoffs. For example, CAN open network design guidelines allow the
network to be up to 1 km with changes in the termination resistance, cabling, less than 64 nodes, and a
significantly lowered data rate.
This flexibility in CAN network design is one of the key strengths of the various extensions and additional
standards that have been built on the original ISO11898 CAN standard. In using this flexibility comes the
responsibility of good network design and balancing these tradeoffs.
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD255 SN65HVD256 SN65HVD257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com