Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD256DR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65HVD256DR
Description  SN65HVD25x Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features for Functional Safety
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65HVD256DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD256DR Datasheet HTML 3Page - Texas Instruments SN65HVD256DR Datasheet HTML 4Page - Texas Instruments SN65HVD256DR Datasheet HTML 5Page - Texas Instruments SN65HVD256DR Datasheet HTML 6Page - Texas Instruments SN65HVD256DR Datasheet HTML 7Page - Texas Instruments SN65HVD256DR Datasheet HTML 8Page - Texas Instruments SN65HVD256DR Datasheet HTML 9Page - Texas Instruments SN65HVD256DR Datasheet HTML 10Page - Texas Instruments SN65HVD256DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
SN65HVD255, SN65HVD256, SN65HVD257
www.ti.com
SLLSEA2D – DECEMBER 2011 – REVISED MAY 2015
7.5 Electrical Characteristics
Over recommended operating conditions, TA = –40°C to 125°C (unless otherwise noted). SN65HVD256 device VRXD = VCC.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY CHARACTERISTICS
Normal Mode
See Figure 6, TXD = 0 V, RL = 50 Ω,
(Driving
60
85
CL = open, RCM = open, S = 0 V
Dominant)
Normal Mode
See Figure 6, TXD = 0 V, S = 0 V,
(Driving
CANH = –12 V, RL = open, CL = open,
130
180
Dominant – bus
RCM = open
fault)
5-V Supply
See Figure 6, TXD = 0 V,
Normal Mode
ICC
mA
current
(Driving
10
20
RL = open (no load),
Dominant)
CL = open, RCM = open, S = 0 V
See Figure 6, TXD = VCC, RL = 50 Ω,
Normal Mode
10
20
CL = open, RCM = open,
(Recessive)
S = 0 V
See Figure 6, TXD = VCC, RL = 50 Ω,
Silent Mode
2.5
5
CL = open, RCM = open, S = VCC
RXD Supply
current
IRXD
All modes
RXD Floating, TXD = 0 V
500
µA
(SN65HVD256
only)
Undervoltage detection on VCC for
UVVCC
3.5
4.45
V
protected mode
VHYS(UVVCC)
Hysteresis voltage on UVVCC
200
mV
Undervoltage detection on VRXD for
UVRXD
1.3
2.75
V
protected mode (SN65HVD256 only)
Hysteresis voltage on UVRXD
VHYS(UVRXD)
80
mV
(SN65HVD256 only)
S PIN (MODE SELECT INPUT)
VIH
HIGH-level input voltage
2
V
VIL
LOW-level input voltage
0.8
V
IIH
HIGH-level input leakage current
S = VCC = 5.5 V
7
100
µA
IIL
Low-level input leakage current
S = 0 V, VCC = 5.5 V
–1
0
1
µA
ILKG(OFF)
Unpowered leakage current
S = 5.5 V, VCC = 0 V, VRXD = 0 V
7
35
100
µA
TXD PIN (CAN TRANSMIT DATA INPUT)
VIH
HIGH level input voltage
2
V
VIL
LOW level input voltage
0.8
V
IIH
HIGH level input leakage current
TXD = VCC = 5.5 V
–2.5
0
1
µA
IIL
Low level input leakage current
TXD = 0 V, VCC = 5.5 V
–100
–25
–7
µA
ILKG(OFF)
Unpowered leakage current
TXD = 5.5 V, VCC = 0 V, VRXD = 0 V
–1
0
1
µA
CI
Input Capacitance
3.5
pF
RXD PIN (CAN RECEIVE DATA OUTPUT)
See Figure 7, IO = –2 mA. For devices with
VOH
HIGH level output voltage
0.8 × VCC
V
VRXD supply VOH = 0.8 × VRXD
VOL
LOW level output voltage
See Figure 7, IO = 2 mA
0.4
V
ILKG(OFF)
Unpowered leakage current
RXD = 5.5 V, VCC = 0 V, VRXD = 0 V
–1
0
1
µA
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VRXD = 5 V, RL = 60 Ω.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65HVD255 SN65HVD256 SN65HVD257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com