Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD040 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65MLVD040
Description  SN65MLVD040 4-Channel Half-Duplex M-LVDS Line Transceivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 4 Page - Texas Instruments

  SN65MLVD040 Datasheet HTML 1Page - Texas Instruments SN65MLVD040 Datasheet HTML 2Page - Texas Instruments SN65MLVD040 Datasheet HTML 3Page - Texas Instruments SN65MLVD040 Datasheet HTML 4Page - Texas Instruments SN65MLVD040 Datasheet HTML 5Page - Texas Instruments SN65MLVD040 Datasheet HTML 6Page - Texas Instruments SN65MLVD040 Datasheet HTML 7Page - Texas Instruments SN65MLVD040 Datasheet HTML 8Page - Texas Instruments SN65MLVD040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Table 4-2. Device Function Tables
RECEIVER
DRIVER
INPUTS(1)
RECEIVER
TYPE
OUTPUT(1)
INPUTS(1)
OUTPUTS(1)
VID = VA – VB
PDN
FSEN
RE
R
D
DE
A
B
VID > 35 mV
H
L
L
Type 1
H
L
H
L
H
–35 mV ≤ VID ≤ 35 mV
H
L
L
Type 1
?
H
H
H
L
VID < 35 mV
H
L
L
Type 1
L
OPEN
H
L
H
X
OPEN
Z
Z
VID > 135 mV
H
H
L
Type 2
H
X
L
Z
Z
65 mV ≤ VID ≤ 135 mV
H
H
L
Type 2
?
VID < 65 mV
H
H
L
Type 2
L
Open Circuit
H
L
L
Type 1
?
Open Circuit
H
H
L
Type 2
L
X
H
X
H
X
Z
X
H
X
OPEN
X
Z
X
L
X
X
X
Z
(1)
H=high level, L=low level, Z=high impedance, X=Don’t care, ?=indeterminate
SN65MLVD040
SLLS902A – FEBRUARY 2010 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com